Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26231PWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26231PWR
Description  LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26231PWR Datasheet(HTML) 3 Page - Texas Instruments

  BQ26231PWR Datasheet HTML 1Page - Texas Instruments BQ26231PWR Datasheet HTML 2Page - Texas Instruments BQ26231PWR Datasheet HTML 3Page - Texas Instruments BQ26231PWR Datasheet HTML 4Page - Texas Instruments BQ26231PWR Datasheet HTML 5Page - Texas Instruments BQ26231PWR Datasheet HTML 6Page - Texas Instruments BQ26231PWR Datasheet HTML 7Page - Texas Instruments BQ26231PWR Datasheet HTML 8Page - Texas Instruments BQ26231PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
bq26231
SLUS491 – JULY 2001
3
www.ti.com
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage (VCC with respect to VSS)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage:
HDQ (all with respect to VSS)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RBI, SR1, and SR2 (with respect to VSS)VSS – 0.3 V to VCC + 3 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–20
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 s)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
TYP
MAX
UNIT
Supply voltage, VCC
2.8
4.25
5.5
V
Supply current I
VCC = 3.7 V, VI(HDQ) = 3.7 V
60
70
A
Supply current, II(OP)
VCC = 5.5 V, VI(HDQ) = 5.5 V
70
80
µA
Sleep current, II(SLEEP)
VCC = 5.5 V
10
µA
RBI current, II(RBI)
VCC < 2.4 V
100
nA
Operating ambient temperature, TA
–20
70
°C
dc electrical characteristics over recommended operating temperature and supply voltage (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIl(HDQ)
Digital input low HDQ pin
0.8
V
VIH(HDQ)
Digital input high HDQ pin
2.5
V
SR1 and SR2 input impedance
–200 mV < V(SR) < 200 mV
10
M
timer characteristics over recommended operating temperature and supply voltage (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
E(TMR)
Timer accuracy error
3.5 V
≤ VCC ≤ 3.9 V, 0°C ≤ TA ≤ 70°C
–3%
1.5%
3%
VFC characteristics over recommended operating temperature and supply voltage (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR1 and SR2 input voltage
–200
200
mV
Offset voltage, V(OS)
500
µV
Integrated nonlinearity
Add 0.05% per
°C above or below 25°C and 0.5% per volt above
or below 3.7 V
1%
2%
Integrated nonrepeatability error
Measured repeatability given similar operating conditions
0.5%
1%


Similar Part No. - BQ26231PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26231PWR TI1-BQ26231PWR Datasheet
1Mb / 23P
[Old version datasheet]   EMBEDDED PORTABLE APPLICATIONS
BQ26231PWRG4 TI1-BQ26231PWRG4 Datasheet
1Mb / 23P
[Old version datasheet]   EMBEDDED PORTABLE APPLICATIONS
More results

Similar Description - BQ26231PWR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
logo
Texas Instruments
BQ26231 TI1-BQ26231_15 Datasheet
1Mb / 23P
[Old version datasheet]   EMBEDDED PORTABLE APPLICATIONS
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
   Battery monitor IC with Coulomb counter/gas gauge
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
   Battery-powered for portable applications
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
   High-Precision Coulomb Counter
051805
logo
Dallas Semiconductor
DS2740 DALLAS-DS2740 Datasheet
248Kb / 15P
   High-Precision Coulomb Counter
logo
Maxim Integrated Produc...
MAX11254 MAXIM-MAX11254 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 1; 4/15
MAX11253 MAXIM-MAX11253 Datasheet
1Mb / 51P
   Longer Battery Life for Portable Applications
Rev 0; 6/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com