Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH175-PA-B Datasheet(PDF) 3 Page - Anachip Corp

Part # AH175-PA-B
Description  Hall Effect Latch For High Temperature
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH175-PA-B Datasheet(HTML) 3 Page - Anachip Corp

  AH175-PA-B Datasheet HTML 1Page - Anachip Corp AH175-PA-B Datasheet HTML 2Page - Anachip Corp AH175-PA-B Datasheet HTML 3Page - Anachip Corp AH175-PA-B Datasheet HTML 4Page - Anachip Corp AH175-PA-B Datasheet HTML 5Page - Anachip Corp AH175-PA-B Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AH175
Hall Effect Latch For High Temperature
Anachip Corp.
www.anachip.com.tw
Rev 0.7 May 7, 2004
3/6
Absolute Maximum Ratings (At Ta= 25°C )
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
20
V
Output “OFF ” voltage
Vout (off)
20
V
Output “ON” current
Io (sink)
25
mA
Operating temperature range
Top
-40~+125
°C
Storage temperature range
Tstg
-65~+150
°C
SIP
550
mW
Power dissipation
SOT23
PD
230
mW
Electrical Characteristics (Ta= 25°C )
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
Vcc
-
3.5
-
20
V
Output saturation voltage
Vout(sat)
VCC=12V, OUT ”ON”
Io =10mA
-
300
400
mV
Supply current
Icc
VCC=12V, OUT ”OFF”
-
3.5
6
mA
Magnetic Characteristics (Ta= 25°C )
(1mT = 10 Gauss)
A grade
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
15
-
60
Gauss
Release Point
Brp
-60
-
-15
Gauss
Hysteresis
Bhy
-
80
-
Gauss
B grade
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
5
-
80
Gauss
Release Point
Brp
-80
-
-5
Gauss
Hysteresis
Bhy
-
80
-
Gauss


Similar Part No. - AH175-PA-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH175-PG-7 DIODES-AH175-PG-7 Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH175-PG-7-A DIODES-AH175-PG-7-A Datasheet
118Kb / 8P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
AH175-PG-7-B DIODES-AH175-PG-7-B Datasheet
118Kb / 8P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
AH175-PG-A DIODES-AH175-PG-A Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH175-PG-A-A DIODES-AH175-PG-A-A Datasheet
118Kb / 8P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
More results

Similar Description - AH175-PA-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH175 DIODES-AH175_10 Datasheet
166Kb / 9P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 DIODES-AH175 Datasheet
118Kb / 8P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
logo
Nanjing Ouzhuo Technolo...
OH413 OHHALLSENSOR-OH413 Datasheet
142Kb / 2P
   Hall Effect Latch IC For High Temperature
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Anachip Corp
AH174 ANACHIP-AH174 Datasheet
179Kb / 6P
   Inverted Output Hall Effect Latch For High Temperature
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Unisonic Technologies
SK1816A UTC-SK1816A_17 Datasheet
197Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1826 UTC-SK1826 Datasheet
193Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1812 UTC-SK1812_07 Datasheet
58Kb / 6P
   BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com