Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7105-40AIE Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK7105-40AIE
Description  TrenchPLUS standard level FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7105-40AIE Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK7105-40AIE Datasheet HTML 1Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 2Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 3Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 4Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 5Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 6Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 7Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 8Page - NXP Semiconductors BUK7105-40AIE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
BUK71/7905-40AIE
TrenchPLUS standard level FET
Product data
Rev. 04 — 6 February 2004
5 of 16
9397 750 12341
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = 0.25 mA; VGS =0V
Tj =25 °C
40
--V
Tj = −55 °C
36
--V
VGS(th)
gate-source threshold voltage ID = 1 mA; VDS =VGS;
Figure 9
Tj =25 °C
2
34V
Tj = 175 °C
1
--V
Tj = −55 °C
-
-
4.4
V
IDSS
drain-source leakage current
VDS =40V; VGS =0V
Tj =25 °C
-
0.1
10
µA
Tj = 175 °C
-
-
250
µA
V(BR)GSS
gate-source breakdown
voltage
IG = ±1 mA;
−55 °C<Tj < 175 °C
20
22
-
V
IGSS
gate-source leakage current
VGS = ±10 V; VDS =0V
Tj =25 °C
-
22
1000
nA
Tj = 175 °C-
-
10
µA
RDSon
drain-source on-state
resistance
VGS = 10 V; ID =50A;
Figure 7 and 8
Tj =25 °C
-
4.5
5
m
Tj = 175 °C
-
-
9.5
m
RD(Is)on
drain-Isense on-state
resistance
VGS = 10 V; ID = 100 mA;
Figure 16
Tj =25 °C
0.98
1.08
1.18
Tj = 175 °C
1.86
2.05
2.24
ID/Isense
ratio of drain current to sense
current
VGS >10V;
−55 °C<Tj < 175 °C
450
500
550
Dynamic characteristics
Qg(tot)
total gate charge
VGS = 10 V; VDS =32V;
ID =25A; Figure 14
-
120
127
nC
Qgs
gate-source charge
-
19
22
nC
Qgd
gate-drain (Miller) charge
-
50
60
nC
Ciss
input capacitance
VGS =0V; VDS =25V;
f = 1 MHz; Figure 12
-
4300
5000
pF
Coss
output capacitance
-
1400
1670
pF
Crss
reverse transfer capacitance
-
820
1100
pF
td(on)
turn-on delay time
VDS =30V; RL = 1.2 Ω;
VGS = 10 V; RG =10 Ω
-35
-
nS
tr
rise time
-
115
-
nS
td(off)
turn-off delay time
-
155
-
nS
tf
fall time
-
110
-
nS


Similar Part No. - BUK7105-40AIE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7105-40AIE NXP-BUK7105-40AIE Datasheet
223Kb / 15P
   N-channel TrenchPLUS standard level FET
Rev. 05-9 February 2009
logo
Nexperia B.V. All right...
BUK7105-40AIE NEXPERIA-BUK7105-40AIE Datasheet
338Kb / 16P
   N-channel TrenchPLUS standard level FET
Rev. 05 - 9 February 2009
More results

Similar Description - BUK7105-40AIE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7107-40ATC PHILIPS-BUK7107-40ATC Datasheet
322Kb / 16P
   TrenchPLUS standard level FET
Rev. 01-9 August 2002
logo
Guangdong Kexin Industr...
KUK7105-40AIE KEXIN-KUK7105-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
KUK7105-40ATE KEXIN-KUK7105-40ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
logo
NXP Semiconductors
BUK7L06-34ARC PHILIPS-BUK7L06-34ARC Datasheet
318Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7C08-55AITE PHILIPS-BUK7C08-55AITE Datasheet
313Kb / 15P
   TrenchPLUS standard level FET
Rev. 01-19 August 2003
BUK7L11-34ARC PHILIPS-BUK7L11-34ARC Datasheet
108Kb / 14P
   TrenchPLUS standard level FET
Rev. 03-3 December 2003
BUK7108-40AIE PHILIPS-BUK7108-40AIE Datasheet
332Kb / 16P
   TrenchPLUS standard level FET
Rev. 02-24 October 2003
logo
Guangdong Kexin Industr...
KUK7107-55ATE KEXIN-KUK7107-55ATE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7107-55AIE KEXIN-KUK7107-55AIE Datasheet
61Kb / 2P
   TrenchPLUS standard level FET
KUK7108-40AIE KEXIN-KUK7108-40AIE Datasheet
63Kb / 2P
   TrenchPLUS standard level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com