Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP880C Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP880C
Description  Microcontrollers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP880C Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP880C Datasheet HTML 1Page - National Semiconductor (TI) COP880C Datasheet HTML 2Page - National Semiconductor (TI) COP880C Datasheet HTML 3Page - National Semiconductor (TI) COP880C Datasheet HTML 4Page - National Semiconductor (TI) COP880C Datasheet HTML 5Page - National Semiconductor (TI) COP880C Datasheet HTML 6Page - National Semiconductor (TI) COP880C Datasheet HTML 7Page - National Semiconductor (TI) COP880C Datasheet HTML 8Page - National Semiconductor (TI) COP880C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
COP980CCOP981CCOP982C
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)7V
Voltage at any Pin
b
03V to VCC a 03V
Total Current into VCC Pin (Source)
50 mA
Total Current out of GND Pin (Sink)
60 mA
Storage Temperature Range
b
65 Cto a140 C
Note Absolute maximum ratings indicate limits beyond
which damage to the device may occur DC and AC electri-
cal specifications are not ensured when operating the de-
vice at absolute maximum ratings
DC Electrical Characteristics COP98xC 0 C s TA s a70 C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Operating Voltage
98XC
23
40
V
98XCH
40
60
V
Power Supply Ripple (Note 1)
Peak to Peak
01 VCC
V
Supply Current
CKI e 10 MHz
VCC e 6V tc e 1 ms
60
mA
CKI e 4 MHz
VCC e 6V tc e 25 ms
44
mA
CKI e 4 MHz
VCC e 40V tc e 25 ms
22
mA
CKI e 1 MHz
VCC e 40V tc e 10 ms
14
mA
(Note 2)
HALT Current
VCC e 6V CKI e 0 MHz
k
07
8
m
A
(Note 3)
VCC e 40V CKI e 0 MHz
k
04
5
m
A
Input Levels
RESET CKI
Logic High
09 VCC
V
Logic Low
01 VCC
V
All Other Inputs
Logic High
07 VCC
V
Logic Low
02 VCC
V
Hi-Z Input Leakage
VCC e 60V
b
10
a
10
m
A
Input Pullup Current
VCC e 60V VIN e 0V
b
40
b
250
m
A
G Port Input Hysteresis
035 VCC
V
Output Current Levels
D Outputs
Source
VCC e 45V VOH e 38V
b
04
mA
VCC e 23V VOH e 16V
b
02
mA
Sink
VCC e 45V VOL e 10V
10
mA
VCC e 23V VOL e 04V
2
mA
All Others
Source (Weak Pull-Up)
VCC e 45V VOH e 32V
b
10
b
110
m
A
VCC e 23V VOH e 16V
b
25
b
33
m
A
Source (Push-Pull Mode)
VCC e 45V VOH e 38V
b
04
mA
VCC e 23V VOH e 16V
b
02
Sink (Push-Pull Mode)
VCC e 45V VOL e 04V
16
mA
VCC e 23V VOL e 04V
07
TRI-STATE Leakage
VCC e 60V
b
10
a
10
m
A
Allowable SinkSource
Current Per Pin
D Outputs (Sink)
15
mA
All Others
3mA
Maximum Input Current (Note 4)
Without Latchup (Room Temp)
Room Temp
g
100
mA
RAM Retention Voltage Vr
500 ns Rise and
(Note 5)
Fall Time (Min)
20
V
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
http
www nationalcom
4


Similar Part No. - COP880C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP880C NSC-COP880C Datasheet
494Kb / 31P
   Microcontrollers
COP880C-XXX/N NSC-COP880C-XXX/N Datasheet
500Kb / 31P
   COP880C Microcontroller
COP880C-XXX/V NSC-COP880C-XXX/V Datasheet
500Kb / 31P
   COP880C Microcontroller
More results

Similar Description - COP880C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com