Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP882C Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP882C
Description  Microcontrollers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP882C Datasheet(HTML) 5 Page - National Semiconductor (TI)

  COP882C Datasheet HTML 1Page - National Semiconductor (TI) COP882C Datasheet HTML 2Page - National Semiconductor (TI) COP882C Datasheet HTML 3Page - National Semiconductor (TI) COP882C Datasheet HTML 4Page - National Semiconductor (TI) COP882C Datasheet HTML 5Page - National Semiconductor (TI) COP882C Datasheet HTML 6Page - National Semiconductor (TI) COP882C Datasheet HTML 7Page - National Semiconductor (TI) COP882C Datasheet HTML 8Page - National Semiconductor (TI) COP882C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
COP980CCOP981CCOP982C
DC Electrical Characteristics (Continued)
Note 1
Rate of voltage change must be less than 05Vms
Note 2
Supply current is measured after running 2000 cycles with a square wave CKI input CKO open inputs at rails and outputs open
Note 3
The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations Test conditions All inputs tied to VCC L C and G ports TRI-STATE
and tied to ground all outputs low and tied to ground
Note 4
Pins G6 and RESET are designed with a high voltage input network for factory testing These pins allow input voltages greater than VCC and the pins will
have sink current to VCC when biased at voltages greater than VCC (the pins do not have source current when biased at a voltage below VCC) The effective
resistance to VCC is 750X (typ) These two pins will not latch up The voltage at the pins must be limited to less than 14V
Note 5
To maintain RAM integrity the voltage must not be dropped or raised instantaneously
AC Electrical Characteristics 0 C s TA s a70 C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Instruction Cycle Time (tc)
CrystalResonator or External
VCC t 40V
1
DC
m
s
(Div-by 10)
23V s VCC s 40V
25
DC
m
s
RC Oscillator Mode
VCC t 40V
3
DC
m
s
(Div-by 10)
23V s VCC s 40V
75
DC
m
s
CKI Clock Duty Cycle (Note 6)
fr e Max
40
60
%
Rise Time (Note 6)
fr e 10 MHz Ext Clock
12
ns
Fall Time (Note 6)
fr e 10 MHz Ext Clock
8
ns
Inputs
tSETUP
VCC t 40V
200
ns
23V s VCC s 40V
500
ns
tHOLD
VCC t 40V
60
ns
23V s VCC s 40V
150
ns
Output Propagation Delay
CL e 100 pF RL e 22 kX
tPD1 tPD0
SO SK
VCC t 40V
07
m
s
23V s VCC s 40V
175
m
s
All Others
VCC t 40V
1
m
s
23V s VCC s 40V
25
m
s
MICROWIRETM Setup Time (tUWS)
20
ns
MICROWIRE Hold Time (tUWH)
56
ns
MICROWIRE Output
Propagation Delay (tUPD)
220
ns
Input Pulse Width
Interrupt Input High Time
tC
Interrupt Input Low Time
tC
Timer Input High Time
tC
Timer Input Low Time
tC
Reset Pulse Width
10
m
s
Note 6
Parameter characterized but not production tested
http
www nationalcom
5


Similar Part No. - COP882C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP882C-XXX/N NSC-COP882C-XXX/N Datasheet
500Kb / 31P
   COP880C Microcontroller
COP882C-XXX/WM NSC-COP882C-XXX/WM Datasheet
500Kb / 31P
   COP880C Microcontroller
More results

Similar Description - COP882C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com