Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP981C Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP981C
Description  Microcontrollers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP981C Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COP981C Datasheet HTML 5Page - National Semiconductor (TI) COP981C Datasheet HTML 6Page - National Semiconductor (TI) COP981C Datasheet HTML 7Page - National Semiconductor (TI) COP981C Datasheet HTML 8Page - National Semiconductor (TI) COP981C Datasheet HTML 9Page - National Semiconductor (TI) COP981C Datasheet HTML 10Page - National Semiconductor (TI) COP981C Datasheet HTML 11Page - National Semiconductor (TI) COP981C Datasheet HTML 12Page - National Semiconductor (TI) COP981C Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
COP680CCOP681CCOP682C
AC Electrical Characteristics b55 C s TA s a125 C unless otherwise specified
Parameter
Condition
Min
Typ
Max
Units
Instruction Cycle Time (tc)
Ext or CrystalResonant
VCC t 45V
1
DC
m
s
(Div-by 10)
CKI Clock Duty Cycle
fr e Max
40
60
%
(Note 6)
Rise Time (Note 6)
fr e 10 MHz Ext Clock
12
ns
Fall Time (Note 6)
fr e 10 MHz Ext Clock
8
ns
MICROWIRE Setup Time (tUWS)20
ns
MICROWIRE Hold Time (tUWH)56
ns
MICROWIRE Output Valid
220
ns
Time (tUPD)
Input Pulse Width
Interrupt Input High Time
tC
Interrupt Input Low Time
tC
Timer Input High Time
tC
Timer Input Low Time
tC
Reset Pulse Width
1
m
s
Note 6
Parameter characterized but not production tested
http
www nationalcom
9


Similar Part No. - COP981C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP981C NSC-COP981C Datasheet
500Kb / 31P
   COP880C Microcontroller
COP981C-XXX/N NSC-COP981C-XXX/N Datasheet
500Kb / 31P
   COP880C Microcontroller
COP981C-XXX/WM NSC-COP981C-XXX/WM Datasheet
500Kb / 31P
   COP880C Microcontroller
COP981CH-XXX/N NSC-COP981CH-XXX/N Datasheet
500Kb / 31P
   COP880C Microcontroller
COP981CH-XXX/WM NSC-COP981CH-XXX/WM Datasheet
500Kb / 31P
   COP880C Microcontroller
More results

Similar Description - COP981C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com