Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C470-15JC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C470-15JC
Description  8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C470-15JC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C470-15JC Datasheet HTML 7Page - Cypress Semiconductor CY7C470-15JC Datasheet HTML 8Page - Cypress Semiconductor CY7C470-15JC Datasheet HTML 9Page - Cypress Semiconductor CY7C470-15JC Datasheet HTML 10Page - Cypress Semiconductor CY7C470-15JC Datasheet HTML 11Page - Cypress Semiconductor CY7C470-15JC Datasheet HTML 12Page - Cypress Semiconductor CY7C470-15JC Datasheet HTML 13Page - Cypress Semiconductor CY7C470-15JC Datasheet HTML 14Page - Cypress Semiconductor CY7C470-15JC Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY7C470
CY7C472
CY7C474
11
Typical AC and DC Characteristics
0.60
0.80
1.00
1.20
1.40
1.60
–55.00
5.00
65.00
125.00
0.80
0.90
1.00
1.10
1.20
4.00
4.50
5.00
5.50
6.00
SUPPLY VOLTAGE(V)
NORMALIZED tA vs.SUPPLY
VOLTAGE
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
NORMALIZED tA vs. AMBIENT
TEMPERATURE
AMBIENT TEMPERATURE (
°C)
CAPACITANCE (pF)
TYPICAL tA CHANGE vs.
OUTPUT LOADING
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
TA =25°C
FREQUENCY (MHz)
NORMALIZED SUPPLY CURRENT
vs.FREQUENCY
SUPPLY VOLTAGE (V)
OUTPUT VOLTAGE (V)
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE
0.00
5.00
10.00
15.00
20.00
0.00
500.00
1000.00
VCC =5.0V
VCC =5.0V
TA =25°C
0.60
0.80
1.00
1.20
1.40
4.00
4.50
5.00
5.50
6.00
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
AMBIENT TEMPERATURE (
°C)
VIN =3.0V
TA =25°C
f= 33 MHz
0.80
0.90
1.00
1.10
1.20
–55.00
5.00
65.00
125.00
VIN =3.0V
TA =25°C
f= 33 MHz
0.60
0.70
0.80
0.90
1.00
1.10
15.00
20.00
25.00
30.00
35.00
VCC =5.0V
TA =25°C
VIN =3.0V
0.00
10.00
20.00
30.00
40.00
50.00
0.00
1.00
2.00
3.00
4.00
VCC =5.0V
TA =25°C
0.00
20.00
40.00
60.00
80.00
100.00
0.00
1.00
2.00
3.00
4.00
VCC =5.0V
TA =25°C


Similar Part No. - CY7C470-15JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C470-15JC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
   CMOS 512 x 9 FIFO
logo
List of Unclassifed Man...
VT7203 ETC-VT7203 Datasheet
431Kb / 8P
   2,048 X 9 FIFO MEMORY
VT7202 ETC-VT7202 Datasheet
431Kb / 8P
   1,024 X 9 FIFO MEMORY
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
   CMOS 1K X 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com