Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C470-20DMB Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C470-20DMB
Description  8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C470-20DMB Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C470-20DMB Datasheet HTML 1Page - Cypress Semiconductor CY7C470-20DMB Datasheet HTML 2Page - Cypress Semiconductor CY7C470-20DMB Datasheet HTML 3Page - Cypress Semiconductor CY7C470-20DMB Datasheet HTML 4Page - Cypress Semiconductor CY7C470-20DMB Datasheet HTML 5Page - Cypress Semiconductor CY7C470-20DMB Datasheet HTML 6Page - Cypress Semiconductor CY7C470-20DMB Datasheet HTML 7Page - Cypress Semiconductor CY7C470-20DMB Datasheet HTML 8Page - Cypress Semiconductor CY7C470-20DMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY7C470
CY7C472
CY7C474
4
Switching Characteristics Over the Operating Range[5, 6]
7C470–15
7C472–15
7C474–15
7C470–20
7C472–20
7C474–20
7C470–25
7C472–25
7C474–25
7C470–40
7C472–40
7C474–40
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tCY
Cycle Time
30
30
35
50
ns
tA
Access Time
15
20
25
40
ns
tRV
Recovery Time
15
10
10
10
ns
tPW
Pulse Width
15
20
25
40
ns
tLZR
Read LOW to Low Z
3
3
3
3
ns
tDV
[7]
Valid Data from Read HIGH
3
3
3
3
ns
tHZ
[7]
Read HIGH to High Z
15
15
18
25
ns
tHWZ
Write HIGH to Low Z
5
5
5
5
ns
tSD
Data Set-Up Time
11
12
15
20
ns
tHD
Data Hold Time
0
0
0
0
ns
tEFD
E/F Delay
15
20
25
40
ns
tEFL
MR to E/F LOW
25
30
35
50
ns
tHFD
HF Delay
25
30
35
50
ns
tAFED
PAFE Delay
25
30
35
50
ns
tRAE
Effective Read from
Write HIGH
15
20
25
40
ns
tWAF
Effective Write from
Read HIGH
15
20
25
40
ns
Notes:
5.
Test conditions assume signal transmission time of 5 ns or less, timing reference levels of 1.5V and output loading of the specified IOL/IOH and 30-pF load
capacitance, as in part (a) of AC Test Load and Waveforms, unless otherwise specified.
6.
See the last page of this specification for Group A subgroup testing information.
7.
tHZR and tDVR use capacitance loading as in part (b) of AC Test Loads. tHZR transition is measured at +500 mV from VOL and –500 mV from VOH. tDVR transition is measured
at the 1.5V level. tHWZ and tLZR transition is measured at ±100 mV from the steady state.


Similar Part No. - CY7C470-20DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C470-20DMB

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
   CMOS 512 x 9 FIFO
logo
List of Unclassifed Man...
VT7203 ETC-VT7203 Datasheet
431Kb / 8P
   2,048 X 9 FIFO MEMORY
VT7202 ETC-VT7202 Datasheet
431Kb / 8P
   1,024 X 9 FIFO MEMORY
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
   CMOS 1K X 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com