Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C470-20LMB Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C470-20LMB
Description  8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C470-20LMB Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C470-20LMB Datasheet HTML 1Page - Cypress Semiconductor CY7C470-20LMB Datasheet HTML 2Page - Cypress Semiconductor CY7C470-20LMB Datasheet HTML 3Page - Cypress Semiconductor CY7C470-20LMB Datasheet HTML 4Page - Cypress Semiconductor CY7C470-20LMB Datasheet HTML 5Page - Cypress Semiconductor CY7C470-20LMB Datasheet HTML 6Page - Cypress Semiconductor CY7C470-20LMB Datasheet HTML 7Page - Cypress Semiconductor CY7C470-20LMB Datasheet HTML 8Page - Cypress Semiconductor CY7C470-20LMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
8K x 9 FIFO, 16K x 9 FIFO
32K x 9 FIFO with Programmable Flags
CY7C470
CY7C472
CY7C474
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
December 1990 – Revised April 1995
1CY 7C47 4
Features
• 8K x 9, 16K x 9, and 32K x 9 FIFO buffer memory
• Asynchronous read/write
• High-speed 33.3-MHz read/write independent of
depth/width
• Low operating power
—ICC (max.) = 70 mA
• Programmable Almost Full/Empty flag
• Empty, Almost Empty, Half Full, Almost Full, and Full
status flags
• Programmable retransmit
• Expandable in width
• 5V
± 10% supply
• TTL compatible
• Three-state outputs
• Proprietary 0.8-micron CMOS technology
Functional Description
The CYC47X FIFO series consists of high-speed, low-power,
first-in first-out (FIFO) memories with programmable flags and
retransmit mark. The CY7C470, CY7C472, and CY7C474 are
8K, 16K, and 32K words by 9 bits wide, respectively. They are
offered in 600-mil DIP, PLCC, and LCC packages. Each FIFO
memory is organized such that the data is read in the same
sequential order that it was written. Three status pins—Emp-
ty/Full (E/F), Programmable Almost Full/Empty (PAFE), and
Half Full (HF)—are provided to the user. These pins are de-
coded to determine one of six states: Empty, Almost Empty,
Less than Half Full, Greater than Half Full, Almost Full, and
Full.
The read and write operations may be asynchronous; each
can occur at a rate of 33.3 MHz. The write operation occurs
when the write (W) signal goes LOW. Read occurs when read
(R) goes LOW. The nine data outputs go into a high-imped-
ance state when R is HIGH.
The user can store the value of the read pointer for retransmit
by using the MARK pin. A LOW on the retransmit (RT) input
causes the FIFO to resend data by resetting the read pointer
to the value stored in the mark pointer.
In the standalone and width expansion configurations, a LOW
on the retransmit (RT) input causes the FIFO to resend the
data. With the mark feature, retransmit can start from any word
in the FIFO.
The CYC47X series is fabricated using a proprietary 0.8-mi-
cron N-well CMOS technology. Input ESD protection is greater
than 2001V and latch-up is prevented by the use of reliable
layout techniques, guard rings, and a substrate bias generator.
Logic Block Diagram
Pin Configurations
1
2
3
4
5
6
7
8
9
10
11
12
15
16
17
18
19
20
24
23
22
21
13
14
25
28
27
26
Top View
DIP
W
D8
D3
D2
D1
D0
MARK
PAFE
Q0
Q1
Q2
GND
Vcc
D4
RT
MR
E/F
HF
Q7
R
PLCC/LCC
Top View
Q3
Q8
D5
D6
D7
Q6
Q5
Q4
4
3
2
1
32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
RT
MR
E/F
HF
Q7
D6
Q6
D7
NC
MARK
POINTER
WRITE
POINTER
RESET
LOGIC
RAM ARRAY
8K x 9
16K x 9
32K x 9
DATAINPUTS
(D0–D8)
THREE–
STATE
BUFFERS
DATAOUTPUTS
(Q0–Q8 )
READ
POINTER
FLAG
LOGIC
E/F
PAFE
MR
RT
D2
D1
D0
MARK
PAFE
Q0
Q1
NC
Q2
7C470–1
7C470–2
7C470–3
7C470
7C472
7C474
7C470
7C472
7C474
W
HF
MARK
R
PROGRAMMABLE
FLAG REGISTER


Similar Part No. - CY7C470-20LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C470-20LMB

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
   CMOS 512 x 9 FIFO
logo
List of Unclassifed Man...
VT7203 ETC-VT7203 Datasheet
431Kb / 8P
   2,048 X 9 FIFO MEMORY
VT7202 ETC-VT7202 Datasheet
431Kb / 8P
   1,024 X 9 FIFO MEMORY
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
   CMOS 1K X 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com