Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28347OC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28347OC
Description  Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28347OC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28347OC Datasheet HTML 5Page - Cypress Semiconductor CY28347OC Datasheet HTML 6Page - Cypress Semiconductor CY28347OC Datasheet HTML 7Page - Cypress Semiconductor CY28347OC Datasheet HTML 8Page - Cypress Semiconductor CY28347OC Datasheet HTML 9Page - Cypress Semiconductor CY28347OC Datasheet HTML 10Page - Cypress Semiconductor CY28347OC Datasheet HTML 11Page - Cypress Semiconductor CY28347OC Datasheet HTML 12Page - Cypress Semiconductor CY28347OC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CY28347
Document #: 38-07352 Rev. *C
Page 9 of 22
Maximum Ratings[3]
Input Voltage Relative to VSS:.............................. VSS – 0.3V
Input Voltage Relative to VDDQ or AVDD: ............. VDD + 0.3V
Storage Temperature: ................................–65
°C to + 150°C
Operating Temperature: .................................... 0
°C to +70°C
Maximum ESD .............................................................2000V
Maximum Power Supply: ................................................5.5V
This device contains circuitry to protect the inputs against
damage due to HIGH static voltages or electric field. However,
precautions should be take to avoid application of any voltage
higher than the maximum rated voltages to this circuit. For
proper operation, VIN and VOUT should be constrained to the
range.
VSS < (VIN or VOUT) < VDD
Unused inputs must always be tied to an appropriate logic
voltage level (either VSS or VDD).
DC Parameters (VDD = VDDPCI = VDDAGP = VDDR = VDD48M = VDDC = 3.3V ± 5%, VDDI = VDD = 2.5 ± 5%, TA = 0 °C to +70 °C)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIL1
Input LOW Voltage
Applicable to PD#, F S(0:4)
1.0
Vdc
VIH1
Input HIGH Voltage
2.0
Vdc
VIL2
Input LOW Voltage
Applicable to SDATA and SCLK
1.0
Vdc
VIH2
Input HIGH Voltage
2.2
Vdc
Vol
Output LOW Voltage for Sreset#
IOL
0.4
V
Iol
Pull-down Current for Sreset#
VOL = 0.4V
24
35
mA
Ioz
Three-state Leakage Current
10
µA
Idd3.3V
Dynamic Supply Current
CPU frequency set at 133.3[4]
156
180
mA
Idd2.5V
Dynamic Supply Current
CPU frequency set at 133.3 MHz[4]
177
200
mA
Ipd
Power-down Supply current
PD# = 0
3.8
4.0
mA
Ipup
Internal Pull-up Device Current
Input @ VSS
–25
µA
Ipdwn
Internal Pull-down Device Current
Input @ VDD
10
µA
Cin
Input Pin Capacitance
5pF
Cout
Output Pin Capacitance
6pF
Lpin
Pin Inductance
7pF
Cxtal
Crystal Pin Capacitance
Measured from the XIN or XOUT to VSS
27
36
45
pF
AC Parameters
Parameter
Description
66 MHz
100 MHz
133 MHz
200 MHz
Unit
Notes
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Crystal
TDC
Xin Duty Cycle
45554555
45
55
45
55
% 5,6,7,8
TPeriod
Xin Period
69.84
71.0
69.84
71.0
69.84
71.0
69.84
71.0
ns 5,6,7,8
VHIGH
Xin HIGH Voltage
0.7VDD
VDD
0.7VDD
VDD
0.7VDD
VDD
0.7VDD
VDD
V7,9
VLOW
Xin LOW Voltage
0
0.3VDD
00.3VDD
00.3VDD
00.3VDD V
Tr / Tf
Xin Rise and Fall Times
10.0
10.0
10
10
ns 7
TCCJ
Xin Cycle to Cycle Jitter
500
500
500
500
ps 10,11,12,13
Txs
Crystal Start-up Time
30
30
30
30
ms 9
Notes:
3.
Multiple Supplies: The Voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
4.
All outputs loaded as per maximum capacitative load table in P4 and DDR mode. See Table 11.
5.
All outputs loaded as per loading specified in the loading table. See Table 11.
6.
This measurement is applicable with Spread ON or spread OFF.
7.
This is required for the duty cycle on the REF clock out to be as specified. The device will operate reliably with input duty cycles up to 30/70 but the REF clock
duty cycle will not be within data sheet specifications.
8.
The typical value of VX is expected to be 0.5*VDDD (or 0.5*VDDC for CPUCS signals) and will track the variations in the DC level of the same.
9.
Measured between 0.2Vdd and 0.7Vdd.
10. Probes are placed on the pins, and measurements are acquired between 0.4V and 2.4V for 3.3V signals and between 0.4V and 2.0V for 2.5V signals, and
between 20% and 80% for differential signals.
11.
Probes are placed on the pins, and measurements are acquired at 2.4V for 3.3V signals and at 2.0V for 2.5V signals.
12. When Xin is driven from and external clock source (3.3V parameters apply).
13. When Crystal meets minimum 40 ohm device series resistance specification.


Similar Part No. - CY28347OC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28347OC SPECTRALINEAR-CY28347OC Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347OCT SPECTRALINEAR-CY28347OCT Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
More results

Similar Description - CY28347OC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 SPECTRALINEAR-CY28347 Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
CY28341-3 CYPRESS-CY28341-3 Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Texas Instruments
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com