Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C007A-12JC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C007A-12JC
Description  32K/16K x8, 32K/16K x9 Dual-Port Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C007A-12JC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C007A-12JC Datasheet HTML 5Page - Cypress Semiconductor CY7C007A-12JC Datasheet HTML 6Page - Cypress Semiconductor CY7C007A-12JC Datasheet HTML 7Page - Cypress Semiconductor CY7C007A-12JC Datasheet HTML 8Page - Cypress Semiconductor CY7C007A-12JC Datasheet HTML 9Page - Cypress Semiconductor CY7C007A-12JC Datasheet HTML 10Page - Cypress Semiconductor CY7C007A-12JC Datasheet HTML 11Page - Cypress Semiconductor CY7C007A-12JC Datasheet HTML 12Page - Cypress Semiconductor CY7C007A-12JC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CY7C006A/CY7C007A
CY7C016A/CY7C017A
Document #: 38-06045 Rev. *C
Page 9 of 20
Data Retention Mode
The CY7C006A, CY7C007A, CY7C016A, and CY7C017A are
designed with battery backup in mind. Data retention voltage
and supply current are guaranteed over temperature. The
following rules ensure data retention:
1. Chip Enable (CE) must be held HIGH during data retention,
within VCC to VCC – 0.2V.
2. CE must be kept between VCC – 0.2V and 70% of VCC
during the power-up and power-down transitions.
3. The RAM can begin operation >tRC after VCC reaches the
minimum operating voltage (4.5 volts).
tWB
R/W HIGH after BUSY (Slave)
0
0
0
ns
tWH
R/W HIGH after BUSY HIGH (Slave)
11
13
15
ns
tBDD[20]
BUSY HIGH to Data Valid
12
15
20
ns
INTERRUPT TIMING[18]
tINS
INT Set Time
12
15
20
ns
tINR
INT Reset Time
12
15
20
ns
SEMAPHORE TIMING
tSOP
SEM Flag Update Pulse (OE or SEM)10
10
10
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
ns
tSAA
SEM Address Access Time
12
15
20
ns
Switching Characteristics Over the Operating Range[12] (continued)
Parameter
Description
CY7C006A
CY7C007A
CY7C016A
CY7C017A
Unit
–12[1]
–15
–20
Min.
Max.
Min.
Max.
Min.
Max.
Timing
Parameter
Test Conditions[21]
Max.
Unit
ICCDR1
@ VCCDR = 2V
1.5
mA
Data Retention Mode
4.5V
4.5V
VCC > 2.0V
VCC to VCC – 0.2V
VCC
CE
tRC
V
IH
Switching Waveforms
Read Cycle No. 1 (Either Port Address Access)[22, 23, 24]
Notes:
20. tBDD is a calculated parameter and is the greater of tWDD–tPWE (actual) or tDDD–tSD (actual).
21. CE = VCC, Vin = GND to VCC, TA = 25°C. This parameter is guaranteed but not tested.
22. R/W is HIGH for read cycles.
23. Device is continuously selected CE = VIL. This waveform cannot be used for semaphore reads.
24. OE = VIL.
tRC
tAA
tOHA
DATA VALID
PREVIOUS DATA VALID
DATA OUT
ADDRESS
tOHA


Similar Part No. - CY7C007A-12JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C007AV CYPRESS-CY7C007AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C007AV-20JC CYPRESS-CY7C007AV-20JC Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C007AV-20JI CYPRESS-CY7C007AV-20JI Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C007AV-25JC CYPRESS-CY7C007AV-25JC Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
More results

Similar Description - CY7C007A-12JC

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
   16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com