Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2277APVI-12 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2277APVI-12
Description  6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2277APVI-12 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2277APVI-12 Datasheet HTML 1Page - Cypress Semiconductor CY2277APVI-12 Datasheet HTML 2Page - Cypress Semiconductor CY2277APVI-12 Datasheet HTML 3Page - Cypress Semiconductor CY2277APVI-12 Datasheet HTML 4Page - Cypress Semiconductor CY2277APVI-12 Datasheet HTML 5Page - Cypress Semiconductor CY2277APVI-12 Datasheet HTML 6Page - Cypress Semiconductor CY2277APVI-12 Datasheet HTML 7Page - Cypress Semiconductor CY2277APVI-12 Datasheet HTML 8Page - Cypress Semiconductor CY2277APVI-12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CY2277A
Document #: 38-07332 Rev. *A
Page 5 of 19
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Supply Voltage ..................................................–0.5 to +7.0V
Input Voltage ............................................ –0.5V to VDD + 0.5
Storage Temperature (Non-Condensing) .... –65
°C to +150°C
Junction Temperature ............................................... +150
°C
Package Power Dissipation.............................................. 1W
Static Discharge Voltage............................................ >2000V
(per MIL-STD-883, Method 3015, like VDD pins tied together)
Byte 1: CPU, 24/48 MHz Active/Inactive
Register (1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Bit 7
23
48/24 MHz (Active/Inactive)
Bit 6
22
48/24 MHz (Active/Inactive)
Bit 5
--
(Reserved) drive to ‘0’
Bit 4
N/A
Not Used, drive 0
Bit 3
38
CPUCLK3 (Active/Inactive)
Bit 2
39
CPUCLK2 (Active/Inactive)
Bit 1
41
CPUCLK1 (Active/Inactive)
Bit 0
42
CPUCLK0 (Active/Inactive)
Byte 3: SDRAM Active/Inactive
Register (1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Bit 7
26
SDRAM7 (Active/Inactive)
Bit 6
27
SDRAM6 (Active/Inactive)
Bit 5
29
SDRAM5 (Active/Inactive)
Bit 4
30
SDRAM4 (Active/Inactive)
Bit 3
32
SDRAM3 (Active/Inactive)
Bit 2
33
SDRAM2 (Active/Inactive)
Bit 1
35
SDRAM1 (Active/Inactive)
Bit 0
36
SDRAM0 (Active/Inactive)
Byte 5: Peripheral Active/Inactive
Register (1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Bit 7
--
(Reserved) drive to ‘0’
Bit 6
--
(Reserved) drive to ‘0’
Bit 5
--
(Reserved) drive to ‘0’
Bit 4
45
IOAPIC (Active/Inactive)
Bit 3
--
(Reserved) drive to ‘0’
Bit 2
--
(Reserved) drive to ‘0’
Bit 1
1
REF1 (Active/Inactive)
Bit 0
2
REF0 (Active/Inactive)
Byte 2: PCI Active/Inactive
Register (1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Bit 7
--
(Reserved) drive to ‘0’
Bit 6
8
PCICLK_F (Active/Inactive)
Bit 5
16
PCICLK5 (Active/Inactive)
Bit 4
14
PCICLK4 (Active/Inactive)
Bit 3
13
PCICLK3 (Active/Inactive)
Bit 2
12
PCICLK2 (Active/Inactive)
Bit 1
11
PCICLK1 (Active/Inactive)
Bit 0
9
PCICLK0 (Active/Inactive)
Byte 4: SDRAM Active/Inactive
Register (1 = Active, 0 = Inactive), Default = Active
Bit
Pin #
Description
Bit 7
N/A
Not used, drive to ‘0’
Bit 6
N/A
Not used, drive to ‘0’
Bit 5
N/A
Not used, drive to ‘0’
Bit 4
N/A
Not used, drive to ‘0’
Bit 3
N/A
Not used, drive to ‘0’
Bit 2
N/A
Not used, drive to ‘0’
Bit 1
N/A
Not used, drive to ‘0’
Bit 0
N/A
Not used, drive to ‘0’
Byte 6: Reserved, for future use


Similar Part No. - CY2277APVI-12

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2277APVI-12 SPECTRALINEAR-CY2277APVI-12 Datasheet
293Kb / 18P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel짰 82430TX and 2 DIMMs or 3 SO-DIMMs
More results

Similar Description - CY2277APVI-12

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2277A SPECTRALINEAR-CY2277A Datasheet
293Kb / 18P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel짰 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
Cypress Semiconductor
CY2273A CYPRESS-CY2273A Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2283 CYPRESS-CY2283 Datasheet
219Kb / 12P
   PentiumII, K6, 6x86 100-MHz Clock Synthesizer/Driver for Desktop PCs with ALI or VIA Chipsets, AGP and 3 DIMMs
CY2310ANZ CYPRESS-CY2310ANZ_05 Datasheet
187Kb / 8P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
logo
Alliance Semiconductor ...
ASM2I2310ANZ ALSC-ASM2I2310ANZ Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
logo
Cypress Semiconductor
CY2310ANZ CYPRESS-CY2310ANZ_09 Datasheet
264Kb / 9P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
CY2310ANZ CYPRESS-CY2310ANZ Datasheet
300Kb / 15P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
logo
ON Semiconductor
PCS2I2310ANZ ONSEMI-PCS2I2310ANZ Datasheet
153Kb / 11P
   3.3 V SDRAM Buffer for Mobile PCS with 4 SO-DIMMs
August, 2011 ??Rev. P2
logo
Cypress Semiconductor
CY2314ANZ CYPRESS-CY2314ANZ_08 Datasheet
237Kb / 8P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Alliance Semiconductor ...
ASM2I2318ANZ ALSC-ASM2I2318ANZ Datasheet
547Kb / 13P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com