Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62138CV30LL-70BAI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62138CV30LL-70BAI
Description  2M (256K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138CV30LL-70BAI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62138CV30LL-70BAI Datasheet HTML 4Page - Cypress Semiconductor CY62138CV30LL-70BAI Datasheet HTML 5Page - Cypress Semiconductor CY62138CV30LL-70BAI Datasheet HTML 6Page - Cypress Semiconductor CY62138CV30LL-70BAI Datasheet HTML 7Page - Cypress Semiconductor CY62138CV30LL-70BAI Datasheet HTML 8Page - Cypress Semiconductor CY62138CV30LL-70BAI Datasheet HTML 9Page - Cypress Semiconductor CY62138CV30LL-70BAI Datasheet HTML 10Page - Cypress Semiconductor CY62138CV30LL-70BAI Datasheet HTML 11Page - Cypress Semiconductor CY62138CV30LL-70BAI Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY62138CV25/30/33 MoBL®
CY62138CV MoBL®
Document #: 38-05200 Rev. *D
Page 10 of 12
Ordering Information
Speed
(ns)
Ordering Code
Voltage
Range (V)
Package
Name
Package Type
Operating
Range
70
CY62138CV25LL-70BAI
2.2–2.7
BA36A
36-ball Fine Pitch BGA (7 mm x 7 mm x 1.2 mm)
Industrial
CY62138CV25LL-70BVI
2.2–2.7
BV36A
36-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
CY62138CV30LL-70BAI
2.7–3.3
BA36A
36-ball Fine Pitch BGA (7 mm x 7 mm x 1.2 mm)
CY62138CV30LL-70BVI
2.7–3.3
BV36A
36-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
CY62138CV33LL-70BAI
3.0–3.6
BA36A
36-ball Fine Pitch BGA (7 mm x 7 mm x 1.2 mm)
CY62138CV33LL-70BVI
3.0–3.6
BV36A
36-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
CY62138CVLL-70BAI
2.7–3.6
BA36A
36-ball Fine Pitch BGA (7 mm x 7 mm x 1.2 mm)
CY62138CVLL-70BVI
2.7–3.6
BV36A
36-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
55
CY62138CV25LL-55BAI
2.2–2.7
BA36A
36-ball Fine Pitch BGA (7 mm x 7 mm x 1.2 mm)
CY62138CV25LL-55BVI
2.2–2.7
BV36A
36-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
CY62138CV30LL-55BAI
2.7–3.3
BA36A
36-ball Fine Pitch BGA (7 mm x 7 mm x 1.2 mm)
CY62138CV30LL-55BVI
2.7–3.3
BV36A
36-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
CY62138CV33LL-55BAI
3.0–3.6
BA36A
36-ball Fine Pitch BGA (7 mm x 7 mm x 1.2 mm)
CY62138CV33LL-55BVI
3.0–3.6
BV36A
36-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
Package Diagrams
36-ball FBGA (7 x 7 x 1.2 mm) BA36A
51-85099-*C


Similar Part No. - CY62138CV30LL-70BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138EV30 CYPRESS-CY62138EV30 Datasheet
486Kb / 9P
   2-Mbit (256K x 8) MoBL짰 Static RAM
CY62138EV30 CYPRESS-CY62138EV30 Datasheet
437Kb / 12P
   2 Mbit (256K x 8) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30 Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
CY62138EV30LL CYPRESS-CY62138EV30LL Datasheet
437Kb / 12P
   2 Mbit (256K x 8) MoBL Static RAM
CY62138EV30LL CYPRESS-CY62138EV30LL Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
More results

Similar Description - CY62138CV30LL-70BAI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WCMA2008U1X ETC-WCMA2008U1X Datasheet
284Kb / 11P
   256K x 8 Static RAM
logo
Cypress Semiconductor
CY62138VN CYPRESS-CY62138VN Datasheet
411Kb / 8P
   256K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA2008U1B ETC-WCMA2008U1B Datasheet
144Kb / 11P
   256K x 8 Static RAM
logo
Cypress Semiconductor
CY62138V CYPRESS-CY62138V Datasheet
175Kb / 8P
   256K x 8 Static RAM
CY7C1069AV33 CYPRESS-CY7C1069AV33_06 Datasheet
398Kb / 9P
   2M x 8 Static RAM
CY7C1069AV33 CYPRESS-CY7C1069AV33 Datasheet
249Kb / 9P
   2M x 8 Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com