Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1355B-117BZC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1355B-117BZC
Description  9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1355B-117BZC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1355B-117BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1355B-117BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1355B-117BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1355B-117BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1355B-117BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1355B-117BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1355B-117BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1355B-117BZC Datasheet HTML 14Page - Cypress Semiconductor CY7C1355B-117BZC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
CY7C1355B
CY7C1357B
Document #: 38-05117 Rev. *B
Page 11 of 33
VSS
5,10,17,21,
26,40,55,60,
67,71,76,90
D3,D5,E3,
E5,F3,F5,
G5,H3,
H5,K3,K5,
L3,M3,
M5,N3,
N5,P3,P5
C4,C5,C6,
C7,C8,D5,
D6,D7,E5,
E6,E7,F5,
F6,F7,G5,
G6,G7,H5,
H6,H7,J5,
J6,J7,K5,K6,
K7,L5,L6,L7,
M5,M6,M7,
N4,N8
Ground
Ground for the device.
TDO
-
U5
P7
JTAG serial
output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on the
negative edge of TCK. If the JTAG feature is not being
utilized, this pin should be left unconnected. This pin is not
available on TQFP packages.
TDI
-
U3
P5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising
edge of TCK. If the JTAG feature is not being utilized, this
pin can be left floating or connected to VDD through a pull
up resistor. This pin is not available on TQFP packages.
TMS
-
U2
R5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising
edge of TCK. If the JTAG feature is not being utilized, this
pin can be disconnected or connected to VDD. This pin is
not available on TQFP packages.
TCK
-
U4
R7
JTAG-Clock
Clock input to the JTAG circuitry. If the JTAG feature is
not being utilized, this pin must be connected to VSS. This
pin is not available on TQFP packages.
NC
1,2,3,6,7,16,
25,28,29,30,
38,39,42,43,
51,52,53,56,
57,66,75,78,
79,84,95,96
A4,B1,B7,
C1,C7,D2,
D4,D7,E1,
E6,H2,F2,
G1,G6,
H7,J3,J5,
K1,K6,L4,
L2,L7,M6,
N2,N7,L7,
P1,P6,R1,
R5,R7,T1,
T4,U6
A1,A5,B1,
B4,B9,B11,
C1,C2,C10,
D1,D10,E1,
E10,F1,F10,
G1,G10,H1,
H3,H9,H10,
J2,J11,K2,
K11,L2,L11,
M2,M11,N2,
N5,N6,N7,
N10,N11,P1,
P2,P11,R2
-
No Connects. Not internally connected to the die.
18M,36M, 72M, 144M and 288M are address expansion
pins and are not internally connected to the die.
VSS/DNU
14
-
-
Ground/DNU
This pin can be connected to Ground or should be left
floating.
CY7C1357B–Pin Definitions (continued)
Name
TQFP
BGA
fBGA
I/O
Description


Similar Part No. - CY7C1355B-117BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1355A-100AC CYPRESS-CY7C1355A-100AC Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1355A-100BGC CYPRESS-CY7C1355A-100BGC Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1355A-117AC CYPRESS-CY7C1355A-117AC Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1355A-117AI CYPRESS-CY7C1355A-117AI Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
More results

Similar Description - CY7C1355B-117BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
   4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com