Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1854B-050 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1854B-050
Description  Dual Temperature-Controlled Resistors with Two Monitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1854B-050 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1854B-050 Datasheet HTML 7Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 8Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 9Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 10Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 11Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 12Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 13Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 14Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Dual Temperature-Controlled Resistors with
Two Monitors
____________________________________________________________________
11
Variable Resistors
The value of each variable resistor is determined by a
temperature-addressed look-up table, which can
assign a unique value (00h to FFh) to each resistor for
every 2°C increment over the -40°C to +102°C range
(see Table 3). See the Temperature Conversion section
for more information.
A resistor disable feature places both outputs in a high-
impedance mode. This occurs when the RHIZ input is
high. An internal pullup of RRHIZ is provided, readying
this pin for input from the Tx Disable signal as specified
in the SFF and SFP MSA.
The variable resistors can also be used in manual
mode. If the TEN bit equals 0, then the resistors are in
manual mode and the temperature indexing is dis-
abled. The user sets the resistors in manual mode by
writing to addresses 82h and 83h in Table 01 to control
resistors 0 and 1, respectively.
Memory Description
Main and auxiliary memories can be accessed by two
separate device addresses. The Main Device address
is A2h (or value in Table 01, byte 8Ch when ADFIX = 1)
and the Auxiliary Device address is A0h. A user option
is provided to respond to one or two device addresses.
This feature can be used to save component count in
SFF applications (Main Device address can be used)
or other applications where both GBIC (Auxiliary
Device address can be used) and monitoring functions
are implemented and two device addresses are need-
ed. The memory blocks are enabled with the corre-
sponding device address. Memory space from 80h and
up is accessible only through the Main Device address.
This memory is organized as three tables; the desired
table can be selected by the contents of memory loca-
tion 7Fh, Main Device. The Auxiliary Device address
has no access to the tables, but the Auxiliary Device
address can be mapped into the Main Device’s memo-
ry space as a fourth table. Device addresses are pro-
grammable with two control bits in EEPROM.
ADEN configures memory access to respond to differ-
ent device addresses (see Tables 4 and 5).
The default device address for EEPROM-generated
addresses is A2h.
If the ADEN bit is 1, additional 128 bytes of EEPROM
are accessible through the Main Device, selected as
Table 00 (see Figure 3). In this configuration, the
Auxiliary Device address is not accessible. APEN con-
trols the protection of Table 00 regardless of the setting
of ADEN.
ADFIX (address fixed) determines whether the Main
Device address is determined by an EEPROM byte
(Table 01, byte 8Ch, when ADFIX =1). There can be up
to 128 devices sharing a common 2-wire bus, with
each device having its own unique device address.
Memory Protection
Memory access from either device address can be
either read/write or read only. Write protection is accom-
plished by a combination of control bits in EEPROM
(APEN and MPEN in configuration register 89h) and a
write-protect enable (WPEN) pin. Since the WPEN pin is
often not accessible from outside the module, this
scheme effectively allows the module to be locked by
the manufacturer to prevent accidental writes by the
end user.
Separate write protection is provided for the Auxiliary
and Main Device address through distinct bits APEN
and MPEN. APEN and MPEN are bits from configura-
tion register 89h, Table 01. Due to the location, the
APEN and MPEN bits can only be written through the
Main Device address. The control of write privileges
through the Auxiliary Device address is dependent on
the value of APEN. Care should be taken with the set-
ting of MPEN, once set to a 1, assuming WPEN is high,
access through the Main Device is thereafter denied
unless WPEN is taken to a low level. By this means
inadvertent end-user write access can be denied.
Main Device address space 60h to 7Fh is SRAM and is
not write protected by APEN, MPEN, or WPEN. For
example, the user may reset flags set by the device.
Bytes designated as “Reserved” may be used as
scratchpad, but they will not be stored in a power cycle
because of their volatility. These bytes are reserved for
added functionality in future versions of this device. Note
that in single device mode (ADEN bit = 1), APEN deter-
mines the protection level of Table 00, independent of
WPEN.
The write-protect operation, for both Main and Auxiliary
Devices, is summarized in the Tables 6 and 7.
WPEN
MPEN
PROTECT MAIN
0X
No
X0
No
11
Yes
Table 6. Main Device
APEN
WPEN
PROTECT AUXILIARY
0
XNo
1
X
Yes
Table 7. Auxiliary Device


Similar Part No. - DS1854B-050

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
logo
Dallas Semiconductor
DS1851E-010 DALLAS-DS1851E-010 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
DS1851E-010TR DALLAS-DS1851E-010TR Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
More results

Similar Description - DS1854B-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856 MAXIM-DS1856 Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
logo
Intersil Corporation
X9455 INTERSIL-X9455_06 Datasheet
327Kb / 19P
   Dual Two-wiper Digitally-Controlled Potentiometer
logo
Texas Instruments
LMP92066 TI1-LMP92066 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Temperature-Controlled DAC
logo
Linear Technology
DC980A LINER-DC980A Datasheet
1Mb / 16P
   Monitors and Margins Two Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com