Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSTINIS400 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DSTINIS400
Description  Sockets Evaluation Board
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DSTINIS400 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DSTINIS400 Datasheet HTML 3Page - Maxim Integrated Products DSTINIS400 Datasheet HTML 4Page - Maxim Integrated Products DSTINIS400 Datasheet HTML 5Page - Maxim Integrated Products DSTINIS400 Datasheet HTML 6Page - Maxim Integrated Products DSTINIS400 Datasheet HTML 7Page - Maxim Integrated Products DSTINIS400 Datasheet HTML 8Page - Maxim Integrated Products DSTINIS400 Datasheet HTML 9Page - Maxim Integrated Products DSTINIS400 Datasheet HTML 10Page - Maxim Integrated Products DSTINIS400 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TX1
XOWIO
RX1
V CC5
V CC5
V CC5
P13
P12
Local 1W
nExtI nt
Title
Size
Docume nt Number
Rev
D ate:
TINIs400
B
TINIm400 Socket Board: External 1-Wire Interface and DS2408
A
5
7
Monday, March 0 4, 2002
%
"%
($&
U9
DS9502
C1
1
A1
2
NC1
3
C2
6
NC2
4
A2
5
J17
Pad Ju mper
C 37
0. 01 uF
J 18
11 x1
1
2
3
4
5
6
7
8
9
10
11
C 38
0.1 uF
J 15
DS90 94F
U8
DS248 0B
TXD
7
RXD
8
POL
6
NC
3
OWIO
2
VPP
5
D2
BAT54
U 10
DS2408
NC1
1
NC15
15
NC16
16
OWIO
4
STRB
10
P0
2
P1
14
P2
13
P3
12
P4
11
P5
9
P6
8
P7
7
+
C 39
47 uF
J16
RJ11
1
2
3
4
5
6
Copyright (C) 2003 Dallas Semiconductor / Maxim


Similar Part No. - DSTINIS400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DSTINIS400 MAXIM-DSTINIS400 Datasheet
497Kb / 12P
   Sockets Evaluation Board
REV: 061608
DSTINIS400 MAXIM-DSTINIS400_08 Datasheet
497Kb / 12P
   Sockets Evaluation Board
REV: 061608
More results

Similar Description - DSTINIS400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DSTINIS400 MAXIM-DSTINIS400_08 Datasheet
497Kb / 12P
   Sockets Evaluation Board
REV: 061608
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com