Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSTINIS-006 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DSTINIS-006
Description  Sockets Evaluation Board
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DSTINIS-006 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DSTINIS-006 Datasheet HTML 1Page - Maxim Integrated Products DSTINIS-006 Datasheet HTML 2Page - Maxim Integrated Products DSTINIS-006 Datasheet HTML 3Page - Maxim Integrated Products DSTINIS-006 Datasheet HTML 4Page - Maxim Integrated Products DSTINIS-006 Datasheet HTML 5Page - Maxim Integrated Products DSTINIS-006 Datasheet HTML 6Page - Maxim Integrated Products DSTINIS-006 Datasheet HTML 7Page - Maxim Integrated Products DSTINIS-006 Datasheet HTML 8Page - Maxim Integrated Products DSTINIS-006 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DSTINIs400/DSTINIs-00x Sockets Evaluation Board
3 of 11
PIN HEADERS
CONNNECTOR
DESCRIPTION
J18
Recreated I/O Port. Latched from 1-Wire bus.
Requires installation of DS2408. See schematic.
J20
CAN Bus. See schematic for pinout.
J21
SPI™ Bus. See schematic for pinout. Alternately
provides connection to P5.4–P5.7
J27
I
2C™ Bus. See schematic for pinout. Alternately
provides connection to P1.0 and P1.1.
J28
Unused. No user-accessible pins available.
J29
Unused. No user-accessible pins available.
J30
Unused. No user-accessible pins available.
QUICK START
Recommended Equipment
The sockets board requires an external power supply and cables as needed to access the desired features of the
board. The 5V DC power supply is mandatory, but the other cables are required only if that feature is to be used.
The specific example shown here is for a TINIm400/TINIs400 system.
Hardware:
5V DC Power Supply
Input Voltage: per customer requirements
Output Voltage: 5V DC ±10%
Output Current: >150mA
Polarization: Positive Center
Output Plug Type: 2.5mm I.D. x 5.5mm O.D. x 12mm Female (P-6)
Example: Digi-Key (www.digikey.com) part number T309-P6P-ND (110V input), 5V DC power
Ethernet Cable:
Note: There are two types of Ethernet cable. For connection to a router or hub, use a standard "straight-through"
Ethernet cable. For direct connection to an Ethernet port on the back of a PC, use a "crossover" Ethernet cable. A
crossover cable is specially made for two-computer networking. These cables can be purchased from almost any
computer or electronics store.
Example (straight-through): Radio Shack (www.radioshack.com) Cat 5E (3ft) Network Cable, part number 278-
1763
Example (crossover): Radio Shack Cat 5E (3m) Crossover Cable, part number 278-2011
RS-232C Serial Cable (DB9 Male to DB9 Female):
This cable is straight-through, not a null-modem (crossover). These cables can be purchased from any computer or
electronics store.
SPI is a trademark of Motorola, Inc.
I
2C is a trademark of Philips Corp. Purchase of I2C components of Maxim Integrated Products, Inc., or one of its sublicensed Associated
Companies, conveys a license under the Philips I
2C Patent Rights to use these components in an I2C system, provided that the system
conforms to the I
2C Standard Specification as defined by Philips.


Similar Part No. - DSTINIS-006

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DSTINIS-00X MAXIM-DSTINIS-00X Datasheet
497Kb / 12P
   Sockets Evaluation Board
REV: 061608
More results

Similar Description - DSTINIS-006

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DSTINIS400 MAXIM-DSTINIS400_08 Datasheet
497Kb / 12P
   Sockets Evaluation Board
REV: 061608
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com