Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFA072A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EFA072A
Description  Low Distortion GaAs Power FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EFA072A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EFA072A Datasheet HTML 1Page - List of Unclassifed Manufacturers EFA072A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EFA072A
PRELIMINARY DATA SHEET
Low Distortion GaAs Power FE
S-PARAMETERS
S-PARAMETERS
6V, 100 mA
8V,1/2Idss
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.975
-29.2
7.010
158.8
0.020
73.8
0.387
-18.9
1.0
0.972
-29.7
7.064
158.3
0.021
73.2
0.452
-17.3
2.0
0.933
-55.6
6.350
140.9
0.037
59.8
0.365
-37.6
2.0
0.931
-56.4
6.382
140.1
0.037
59.1
0.425
-33.8
3.0
0.899
-77.3
5.596
126.0
0.049
48.7
0.357
-52.5
3.0
0.896
-78.4
5.605
124.8
0.048
48.3
0.410
-47.2
4.0
0.862
-95.5
4.962
114.2
0.057
41.2
0.379
-61.2
4.0
0.858
-96.7
4.934
112.8
0.055
40.4
0.425
-55.4
5.0
0.844
-106.9
4.290
104.2
0.061
35.9
0.346
-68.4
5.0
0.842
-108.0
4.273
102.8
0.059
34.9
0.394
-61.9
6.0
0.822
-120.9
3.774
93.1
0.064
29.0
0.331
-83.0
6.0
0.820
-121.9
3.754
91.5
0.060
28.5
0.373
-75.1
7.0
0.802
-132.2
3.402
85.0
0.065
25.4
0.351
-86.5
7.0
0.802
-133.1
3.377
83.2
0.062
24.6
0.392
-78.9
8.0
0.805
-136.0
3.083
79.0
0.066
23.5
0.328
-90.0
8.0
0.805
-136.8
3.059
77.3
0.063
23.8
0.371
-81.9
9.0
0.805
-141.5
2.754
71.6
0.066
20.6
0.310
-102.9
9.0
0.804
-142.3
2.738
69.9
0.062
20.0
0.350
-93.8
10.0
0.797
-149.6
2.504
64.3
0.064
17.6
0.328
-110.6
10.0
0.799
-150.2
2.483
62.4
0.061
17.3
0.366
-102.0
11.0
0.802
-154.5
2.296
58.2
0.064
17.1
0.333
-117.5
11.0
0.803
-155.2
2.286
55.9
0.061
16.9
0.369
-108.6
12.0
0.802
-160.8
2.097
51.5
0.064
15.7
0.356
-125.0
12.0
0.803
-161.4
2.079
49.1
0.059
14.9
0.391
-116.3
13.0
0.803
-166.1
1.963
45.9
0.064
14.2
0.368
-127.2
13.0
0.805
-166.7
1.943
43.4
0.059
14.4
0.405
-119.2
14.0
0.813
-167.4
1.805
40.8
0.062
15.0
0.374
-137.6
14.0
0.816
-167.9
1.791
38.1
0.059
15.2
0.408
-129.4
15.0
0.828
-175.8
1.581
33.5
0.059
11.8
0.438
-143.2
15.0
0.832
-176.3
1.564
30.4
0.055
14.4
0.471
-136.1
16.0
0.834
171.5
1.508
27.3
0.060
11.4
0.472
-133.5
16.0
0.837
171.1
1.482
23.9
0.056
12.6
0.510
-127.7
17.0
0.819
177.2
1.514
24.7
0.066
14.1
0.439
-141.8
17.0
0.823
176.7
1.491
21.4
0.061
15.2
0.479
-135.6
18.0
0.833
176.8
1.311
20.0
0.062
15.5
0.495
-154.0
18.0
0.836
176.6
1.293
16.4
0.058
15.9
0.530
-148.1
19.0
0.832
160.7
1.194
13.2
0.061
13.5
0.550
-143.2
19.0
0.835
160.3
1.167
9.5
0.058
15.4
0.587
-138.7
20.0
0.824
156.5
1.151
8.4
0.065
13.3
0.564
-143.6
20.0
0.827
156.2
1.121
4.6
0.060
16.0
0.605
-139.5
21.0
0.834
155.4
1.223
4.4
0.077
14.3
0.508
-148.1
21.0
0.837
154.9
1.197
0.5
0.070
18.2
0.549
-143.6
22.0
0.821
162.6
1.109
1.4
0.075
16.7
0.554
-163.5
22.0
0.825
162.2
1.088
-2.7
0.071
20.4
0.595
-158.9
23.0
0.833
154.1
1.012
-4.1
0.075
17.6
0.578
-161.8
23.0
0.837
153.9
0.986
-8.4
0.071
20.2
0.622
-158.1
24.0
0.832
149.9
1.017
-9.0
0.083
16.3
0.571
-165.5
24.0
0.836
149.3
0.991
-13.5
0.080
20.0
0.615
-161.4
25.0
0.831
151.9
0.939
-12.6
0.086
17.9
0.602
-175.8
25.0
0.837
151.2
0.921
-17.9
0.084
20.7
0.649
-172.1
26.0
0.834
144.0
0.899
-18.7
0.090
16.8
0.611
-175.8
26.0
0.842
143.3
0.867
-23.9
0.088
20.8
0.656
-172.4
Note:
The data included 0.7 mils diameter Au bonding wires:
2 gate wires, 15 mils each; 2 drain wires, 20 mils each; 6 source wires, 10 mils each.


Similar Part No. - EFA072A

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EFA072A EXCELICS-EFA072A Datasheet
47Kb / 2P
   Low Distortion GaAs Power FET
More results

Similar Description - EFA072A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFA060B-70 ETC-EFA060B-70 Datasheet
25Kb / 2P
   Low Distortion GaAs Power FET
EFC120 ETC-EFC120 Datasheet
23Kb / 2P
   Low Distortion GaAs Power FET
logo
Excelics Semiconductor,...
EFA025A-100P EXCELICS-EFA025A-100P Datasheet
107Kb / 2P
   Low Distortion GaAs Power FET
logo
List of Unclassifed Man...
EFA080A-100F ETC1-EFA080A-100F Datasheet
33Kb / 2P
   Low Distortion GaAs Power FET
EFC060B ETC1-EFC060B Datasheet
27Kb / 2P
   Low Distortion GaAs Power FET
logo
Excelics Semiconductor,...
EFA240B EXCELICS-EFA240B Datasheet
39Kb / 2P
   Low Distortion GaAs Power FET
EFA240D EXCELICS-EFA240D Datasheet
24Kb / 2P
   Low Distortion GaAs Power FET
EFA480C EXCELICS-EFA480C Datasheet
28Kb / 2P
   Low Distortion GaAs Power FET
EFC120B EXCELICS-EFC120B Datasheet
28Kb / 2P
   Low Distortion GaAs Power FET
EFA018A EXCELICS-EFA018A Datasheet
157Kb / 2P
   Low Distortion GaAs Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com