Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7584 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7584
Description  4-Channel DC:DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7584 Datasheet(HTML) 2 Page - Intersil Corporation

  EL7584 Datasheet HTML 1Page - Intersil Corporation EL7584 Datasheet HTML 2Page - Intersil Corporation EL7584 Datasheet HTML 3Page - Intersil Corporation EL7584 Datasheet HTML 4Page - Intersil Corporation EL7584 Datasheet HTML 5Page - Intersil Corporation EL7584 Datasheet HTML 6Page - Intersil Corporation EL7584 Datasheet HTML 7Page - Intersil Corporation EL7584 Datasheet HTML 8Page - Intersil Corporation EL7584 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (TA = 25°C)
LX Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18V
VDDB, VDDP, VDDN
18V
VDDC
16.5V
Maximum Continuous VBOOST Output Current. . . . . . . . . . . 800mA
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
2
FN7317.2
February 4, 2005
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Specifications
VIN = 3.3V, VBOOST = 12V, ROSC = 62kΩ, TA = 25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
DC/DC BOOST CONVERTER
IQ1_B
Quiescent Current - Shut-down
EN = 0V
0.8
10
µA
IQ2_B
Quiescent Current - Switching
EN = VDDB
4.8
8
mA
V(FBB)
Feedback Voltage
1.275
1.300
1.325
V
VREF
Reference Voltage
1.260
1.310
1.360
V
VROSC
Oscillator Set Voltage
1.260
1.325
1.390
V
I(FBB)
Feedback Input Bias Current
0.1
µA
VDDB
Boost Converter Supply Range
2
17
V
DMAX
Maximum Duty Cycle
85
92
%
I(LX)MAX
Peak Internal FET Current
1.75
A
RDS-ON
Switch On Resistance
at VBOOST = 10V, I(LX) total = 350mA
0.22
ILEAK-SWITCH
Switch Leakage Current
I(LX) total
1
µA
VBOOST
Output Range
VBOOST > VIN + VDIODE
5
17
V
∆VBOOST/∆VIN Line Regulation
2.7V < VIN < 13.2V, VBOOST = 15V
0.1
%
∆VBOOST/∆IO1 Load Regulation
50mA < IO1 < 250mA
0.5
%
FOSC-RANGE
Frequency Range
ROSC range = 240kΩ to 60kΩ
200
1200
kHz
FOSC1
Switching Frequency
ROSC = 62kΩ
900
1000
1100
kHz
VCOM BUFFER
VDDC
Supply Voltage Range
6
15
V
IQ1, VDDC
VDDC Disable Current
VDDC = 12V, EN = 0V
5.5
20
µA
IQ2, VDDC
VDDC Enable Current
VDDC = 12V, VEN = VDDB, no load
1.7
5
mA
VCOM-offset
Accuracy of VCOM Output Voltage
2V < VCOM < (VDDC - 2V)
-10
+10
mV
I(INC)
VCOM Input Bias Currents
Current magnitude
-0.1
0.01
0.1
µA
RO(VCOM)
VCOM Output Impedance
VDDC = VBOOST = 12V, VCOM = 6V with
-100mA < ILOAD < 100mA
CLOAD for VCOM > 0.47µF, MLCC
0.25
ICOM(max)
Output Current Limit
150
mA
PSRR
Supply Voltage Rejection
VINC = VDDC/2, 9V < VDDC < 15V
60
102
dB
CMRR
Common Mode Voltage Rejection
VDDC = 12V, 2V < VINC < 10V
60
93
dB
EL7584


Similar Part No. - EL7584

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7584 RENESAS-EL7584 Datasheet
762Kb / 16P
   4-Channel DC/DC Converter
EL7584IR RENESAS-EL7584IR Datasheet
762Kb / 16P
   4-Channel DC/DC Converter
EL7584IR-T13 RENESAS-EL7584IR-T13 Datasheet
762Kb / 16P
   4-Channel DC/DC Converter
EL7584IR-T7 RENESAS-EL7584IR-T7 Datasheet
762Kb / 16P
   4-Channel DC/DC Converter
EL7584IRZ RENESAS-EL7584IRZ Datasheet
762Kb / 16P
   4-Channel DC/DC Converter
More results

Similar Description - EL7584

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
   Monolithic 4 Amp DC:DC Step-Down Regulator
logo
Elantec Semiconductor
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
EL7564C ELANTEC-EL7564C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551 INTERSIL-EL7551_06 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
DAICO Industries, Inc.
CHD09297 DAICO-CHD09297 Datasheet
32Kb / 1P
   4 Channel Up-Converter
logo
Microsemi Corporation
LX1668 MICROSEMI-LX1668 Datasheet
371Kb / 15P
   PROGRAMMABLE MULTIPLE OUTPUT DC:DC CONTROLLER
logo
Intersil Corporation
EL7551 INTERSIL-EL7551 Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Elantec Semiconductor
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
   Monolithic 1 Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7584 RENESAS-EL7584 Datasheet
762Kb / 16P
   4-Channel DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com