Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDZX9713 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDZX9713
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX9713 Datasheet(HTML) 2 Page - Diodes Incorporated

  DDZX9713 Datasheet HTML 1Page - Diodes Incorporated DDZX9713 Datasheet HTML 2Page - Diodes Incorporated DDZX9713 Datasheet HTML 3Page - Diodes Incorporated DDZX9713 Datasheet HTML 4Page - Diodes Incorporated DDZX9713 Datasheet HTML 5Page - Diodes Incorporated DDZX9713 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS30411 Rev. 1 - 2
2 of 6
DDZX9682 - DDZX9717
www.diodes.com
Electrical Characteristics
Table 1
@ TA = 25
°C unless otherwise specified
Notes:
4. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TT = 30
°C ±1°C.
5. Short duration pulse test used to minimize self-heating effect.
Type
Number
Type
Code
Zener Voltage Range (Note 4)
Maximum Reverse
Leakage Current (Note 5)
VZ @ IZT
IZT
IR @ VR
Nom (V)
Min (V)
Max (V)
mA
mA
V
DDZX9682
HA
2.7
2.565
2.835
50
1
1
DDZX9683
HB
3.0
2.85
3.15
50
0.8
1
DDZX9684
HC
3.3
3.13
3.47
50
7.5
1.5
DDZX9685
HD
3.6
3.42
3.78
50
7.5
2
DDZX9686
HE
3.9
3.70
4.10
50
5
2
DDZX9687
HF
4.3
4.09
4.52
50
4
2
DDZX9688
HG
4.7
4.47
4.94
50
5
3
DDZX9689
HH
5.1
4.85
5.36
50
5
3
DDZX9690
HJ
5.6
5.32
5.88
50
2
4
DDZX9691
HK
6.2
5.89
6.51
50
1
5
DDZX9692
HL
6.8
6.46
7.14
50
0.1
5.1
DDZX9693
HM
7.5
7.13
7.88
50
0.1
5.7
DDZX9694
HN
8.2
7.79
8.61
50
0.1
6.2
DDZX9696
HP
9.1
8.65
9.56
50
0.1
6.9
DDZX9697
HQ
10
9.50
10.50
50
0.1
7.6
DDZX9698
HR
11
10.45
11.55
50
0.05
8.4
DDZX9699
HS
12
11.40
12.60
50
0.05
9.1
DDZX9700
HT
13
12.35
13.65
50
0.05
9.8
DDZX9701
HU
14
13.30
14.70
50
0.05
10.6
DDZX9702
HV
15
14.25
15.75
50
0.05
11.4
DDZX9703
HW
16
15.20
16.80
50
0.05
12.1
DDZX9705
HY
18
17.10
18.90
50
0.05
13.6
DDZX9707
MD
20
19.00
21.00
50
0.05
15.2
DDZX9708
ME
22
20.90
23.10
50
0.05
16.7
DDZX9709
MF
24
22.80
25.20
50
0.05
18.2
DDZX9711
MH
27
25.65
28.35
50
0.05
20.4
DDZX9712
MJ
28
26.60
29.40
50
0.05
21.2
DDZX9713
MK
30
28.50
31.50
50
0.05
22.8
DDZX9714
ML
33
31.35
34.65
50
0.05
25.0
DDZX9715
MM
36
34.20
37.80
50
0.05
27.3
DDZX9716
MN
39
37.05
40.95
50
0.05
29.6
DDZX9717
MO
43
40.85
45.15
50
0.05
32.6


Similar Part No. - DDZX9713

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZX9713TS DIODES-DDZX9713TS Datasheet
252Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30412 Rev. 3 - 2
DDZX9713TS DIODES-DDZX9713TS Datasheet
222Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE
DS30412 Rev. 5 - 2
DDZX9713TS-7 DIODES-DDZX9713TS-7 Datasheet
252Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30412 Rev. 3 - 2
More results

Similar Description - DDZX9713

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com