Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN27LV020B-90 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EN27LV020B-90
Description  2Megabit Low Voltage EPROM (256K x 8)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN27LV020B-90 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EN27LV020B-90 Datasheet HTML 1Page - List of Unclassifed Manufacturers EN27LV020B-90 Datasheet HTML 2Page - List of Unclassifed Manufacturers EN27LV020B-90 Datasheet HTML 3Page - List of Unclassifed Manufacturers EN27LV020B-90 Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27LV020B-90 Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27LV020B-90 Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27LV020B-90 Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27LV020B-90 Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27LV020B-90 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
Preliminary
5
EN27LV020 / EN27LV020B
READ MODE
The EN27LV020 / EN27LV020B has two control functions, both of which must be logically
satisfied in order to obtain data at the outputs. Chip Enable ( CE ) is the power control and
should be used for device selection. Output Enable ( OE ) is the output control and should be
used to gate data to the output pins, independent of device selection. Assuming that
addresses are stable, address access time (tACC) is equal to the delay from CE to output
(tCE). Data is available at the outputs (tOE) after the falling edge of OE , assuming the CE
has been LOW and addresses have been stable for at least tACC - tOE.
STANDBY MODE
The EN27LV020 / EN27LV020B has CMOS standby mode which reduces the maximum VCC
current to 10
µA. It is placed in CMOS standby when CE is at VCC ± 0.3 V. The EN27LV020
/ EN27LV020B also has a TTL-standby mode which reduces the maximum VCC current to 0.6
mA. It is placed in TTL-standby when CE is at VIH. When in standby mode, the outputs are
in a high-impedance state, independent of the OE input.
TWO-LINE OUTPUT CONTROL FUNCTION
To accommodate multiple memory connections, a two-line control function is provided to
allow for:
1.
Low memory power dissipation,
2.
Assurance that output bus contention will not occur.
It is recommended that CE be decoded and used as the primary device-selection function,
while OE be made a common connection to all devices in the array and connected to the
READ line from the system control bus. This assures that all deselected memory devices are in
their low-power standby mode and that the output pins are only active when data is desired
from a particular memory device.
SYSTEM CONSIDERATIONS
During the switch between active and standby conditions, transient current peaks are produced
on the rising and falling edges of Chip Enable. The magnitude of these transient current peaks
is dependent on the output capacitance loading of the device. At a minimum, a 0.1
µF ceramic
capacitor (high frequency, low inherent inductance) should be used on each device between
VCC and VSS to minimize transient effects. In addition, to overcome the voltage drop caused
by the inductive effects of the printed circuit board traces on EPROM arrays, a 4.7
µF bulk
electrolytic capacitor should be used between VCC and VSS for each eight devices. The location
of the capacitor should be close to where the power supply is connected to the array.


Similar Part No. - EN27LV020B-90

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN27LN1G08 EON-EN27LN1G08 Datasheet
888Kb / 41P
   1 Gigabit (128 M x 8), 3.3 V NAND Flash Memory
EN27LN2G08 EON-EN27LN2G08 Datasheet
3Mb / 56P
   2 Gigabit (256M x 8), 3.3 V NAND Flash Memory
EN27LN4G08 EON-EN27LN4G08 Datasheet
3Mb / 54P
   4 Gigabit (512M x 8), 3.3 V NAND Flash Memory
EN27LN51208 EON-EN27LN51208 Datasheet
2Mb / 46P
   512 Megabit (64 M x 8) SLC, 3.3 V NAND Flash Memory
More results

Similar Description - EN27LV020B-90

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
Winbond
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com