Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FB1A4M Datasheet(PDF) 2 Page - NEC

Part # FB1A4M
Description  COMPOUND TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

FB1A4M Datasheet(HTML) 2 Page - NEC

  FB1A4M Datasheet HTML 1Page - NEC FB1A4M Datasheet HTML 2Page - NEC FB1A4M Datasheet HTML 3Page - NEC FB1A4M Datasheet HTML 4Page - NEC FB1A4M Datasheet HTML 5Page - NEC FB1A4M Datasheet HTML 6Page - NEC FB1A4M Datasheet HTML 7Page - NEC FB1A4M Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D16180EJ1V0DS
2
FB1 SERIES
FB1A4A
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 30 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE = 2.0 V, IC = 0.1 A
300
DC current gain
hFE2 **
VCE = 2.0 V, IC = 0.5 A
300
DC current gain
hFE3 **
VCE = 2.0 V, IC = 0.7 A
135
Collector saturation voltage
VCE(sat) **
IC = 0.5 A, IB = 5 mA
0.27
0.4
V
Low level input voltage
VIL **
VCE = 5.0 V, IC = 100
µA
0.3
V
Input resistance
R1
−−
E-to-B resistance
R2
710
13
k
** PW
≤ 350
µs, duty cycle ≤ 2 %
FB1L2Q
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 30 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE = 2.0 V, IC = 0.1 A
150
400
DC current gain
hFE2 **
VCE = 2.0 V, IC = 0.5 A
300
700
DC current gain
hFE3 **
VCE = 2.0 V, IC = 0.7 A
135
600
Low level output voltage
VOL **
VIN = 5.0 V, IC = 0.5 A
0.2
0.3
V
Low level input voltage
VIL **
VCE = 5.0 V, IC = 100
µA
0.62
0.3
V
Input resistance
R1
329
470
611
E-to-B resistance
R2
3.29
4.7
6.11
k
** PW
≤ 350
µs, duty cycle ≤ 2 %
FB1A3M
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 30 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE = 2.0 V, IC = 0.1 A
80
DC current gain
hFE2 **
VCE = 2.0 V, IC = 0.5 A
100
DC current gain
hFE3 **
VCE = 2.0 V, IC = 0.7 A
135
Low level output voltage
VOL **
VIN = 5.0 V, IC = 0.5 A
0.3
0.4
V
Low level input voltage
VIL **
VCE = 5.0 V, IC = 100
µA
0.3
V
Input resistance
R1
0.7
1.0
1.3
k
E-to-B resistance
R2
0.7
1.0
1.3
k
** PW
≤ 350
µs, duty cycle ≤ 2 %


Similar Part No. - FB1A4M

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FB1 FUJITSU-FB1 Datasheet
563Kb / 56P
   2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
Japan Aviation Electron...
FB10 JAE-FB10 Datasheet
180Kb / 6P
   0.3mm Pitch, 0.9mm Height FPC Connector
logo
Stackpole Electronics, ...
FB10 SEI-FB10 Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
logo
List of Unclassifed Man...
FB1000 ETC1-FB1000 Datasheet
34Kb / 2P
   10 Amp. Glass Passivated Bridge Rectifier
FB1000L ETC1-FB1000L Datasheet
34Kb / 2P
   10 Amp. Glass Passivated Bridge Rectifier
More results

Similar Description - FB1A4M

ManufacturerPart #DatasheetDescription
logo
NEC
HQ1F3P NEC-HQ1F3P Datasheet
111Kb / 6P
   COMPOUND TRANSISTOR
BA1A3Q NEC-BA1A3Q Datasheet
103Kb / 4P
   COMPOUND TRANSISTOR
logo
Renesas Technology Corp
BA1A4Z RENESAS-BA1A4Z Datasheet
229Kb / 6P
   COMPOUND TRANSISTOR
2002
logo
Isahaya Electronics Cor...
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
   Compound Transistor
logo
NEC
BN1L4Z NEC-BN1L4Z Datasheet
85Kb / 4P
   COMPOUND TRANSISTOR
AA1L4Z NEC-AA1L4Z Datasheet
81Kb / 4P
   COMPOUND TRANSISTOR
CE1A3Q NEC-CE1A3Q Datasheet
125Kb / 4P
   COMPOUND TRANSISTOR
AA1L3M NEC-AA1L3M Datasheet
83Kb / 4P
   COMPOUND TRANSISTOR
logo
Renesas Technology Corp
BA1F4Z RENESAS-BA1F4Z Datasheet
238Kb / 6P
   COMPOUND TRANSISTOR
2002
BN1A3Q RENESAS-BN1A3Q Datasheet
263Kb / 6P
   COMPOUND TRANSISTOR
2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com