Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM1808 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FM1808
Description  256Kb Bytewide FRAM Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FM1808 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FM1808 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM1808 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Ramtron
FM1808-70
27 July 2000
6/12
FRAM Design Considerations
When designing with FRAM for the first time, users
of SRAM will recognize a few minor differences. First,
bytewide FRAM memories latch each address on the
falling edge of chip enable. This allows the address
bus to change after starting the memory access. Since
every access latches the memory address on the
falling edge of /CE, users should not ground it as they
might with SRAM.
Users that are modifying existing designs to use
FRAM
should
examine
the
hardware
address
decoders. Decoders should be modified to qualify
addresses with an address valid signal if they do not
already. In many cases, this is the only change
required. Systems that drive chip enable active, then
inactive for each valid address may need no
modifications. An example of the target signal
relationships are shown in Figure 4. Also shown is a
common SRAM signal relationship that will not work
for the FM1808.
The main design issue is to create a decoder scheme
that will drive /CE active, then inactive for each
address. This accomplishes the two goals of latching
the new address and cre ating the precharge period.
A second design consideration relates to the level of
VDD during operation. Battery-backed SRAMs are
forced to monitor VDD in order to switch to battery
backup. They typically block user access below a
certain VDD level in order to prevent loading the
battery with current demand from an active SRAM.
The user can be abruptly cut off from access to the
nonvolatile memory in a power down situation with
no warning or indication.
FRAM memories do not need this system overhead.
The memory will not block access at any VDD level.
The user, however, should prevent the processor
from accessing memory when VDD is out-of-
tolerance. The common design practice of holding a
processor in reset when VDD drops is adequate; no
special provisions must be taken for FRAM design.
Figure 4. Memory Address Relationships
Valid Memory Read Relationship
FRAM
Signaling
CE
Address
A1
A2
Data
D1
D2
Invalid Memory Read Relationship
SRAM
Signaling
CE
Address
A1
A2
Data
D1
D2


Similar Part No. - FM1808

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B-SG RAMTRON-FM1808B-SG Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1808B-SG CYPRESS-FM1808B-SG Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
More results

Similar Description - FM1808

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM3808 RAMTRON-FM3808_06 Datasheet
230Kb / 27P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM3808 RAMTRON-FM3808 Datasheet
191Kb / 28P
   256Kb Bytewide FRAM w/ Real-Time Clock
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM20L08 ETC1-FM20L08 Datasheet
130Kb / 14P
   1Mbit Bytewide FRAM Memory - Extended Temp
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
logo
List of Unclassifed Man...
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com