Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6408-4 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FMS6408-4
Description  Triple Video Filter Driver for RGB and YUV Signals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6408-4 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FMS6408-4 Datasheet HTML 1Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 2Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 3Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 4Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 5Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 6Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 7Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 8Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
REV. 2C August 31, 2004
5
FMS6408
DATA SHEET
Pin Configuration
Pin#
Pin
Type
Description
1YINA
Input
Y (Luminance) or Green input A, must be
connected to a signal which includes sync
2UINA
Input
U or Blue input A
3VINA
Input
V or Red input A
4
GND
Input
Must be tied to ground, do not float
5YINB
Input
Y (Luminance) or Green input B, must be
connected to a signal which includes sync
6UINB
Input
U or Blue input B
7VINB
Input
V or Red input B
8INMUX (A/B)
Input
Mux select, A = ‘1’, B = ‘0’, must be
externally tied high or low
9VOUT
Output
V or Red output
10
GND
Input
Must to be tied to ground, do not float
11
UOUT
Output
U or Blue output
12
BYPASS
(Bypass/Filter)
Input
Filter bypass, BYPASS = ‘1’, FILTER = ‘0’,
must be externally tied high or low
13
YOUT
Output
Y or Green output
14
VCC
Input
+5V supply
Functional Description
Introduction
This product is a three channel monolithic continuous time
video filter designed for reconstructing YUV, YC CV or
RGB signals from a video D/A source. Inputs should be AC
coupled while outputs can be either AC or DC coupled.
The reconstruction filters approximate a 5th order Butter-
worth response optimized for minimum overshoot and flat
group delay. This provides a maximally flat response in
terms of delay and amplitude. Each of the three outputs is
capable of driving 2Vpp into 75
Ω loads.
All channels are clamped during the sync interval to set the
appropriate dc output level. Sync tip clamping greatly reduces
the effective input time constant allowing the use of small
low cost input coupling capacitors. The input will settle to
10mV in 2ms for typical DC shifts present in the video signal.
In most applications the input coupling capacitors are 0.1
µF.
The inputs typically sink 1uA of current during active video.
For YUV signals, this translates into a 2mV tilt in a horizon-
tal line at the Y output. During sync, the clamp restores this
leakage current by sourcing an average of 20
µA over the
clamp interval. Any change in the coupling capacitor values
will affect the amount of tilt per line. Any reduction in tilt
will come with an increase in settling time.
Sync processing is based on the Y/G input channel in all
operating modes.
Inputs
The inputs will typically be driven by either a low impedance
source of 1Vpp or the output of a 75
Ω terminated line driven
by the output of a current DAC. In either case, the inputs
must be capacitively coupled to allow the sync-detect and
DC restore circuitry to operate properly.
Outputs
The outputs are low impedance voltage drivers which can
handle either a single or dual load. A single load consists of
a 75
Ω series termination resistor feeding a 75Ω terminated
line for a total load at the part of 150
Ω. Even when two loads
are present (75
Ω) the driver will produce a full 2Vpp signal
at its output pin. The driver can also be used to drive an AC
coupled single or dual load. When driving a dual load either
output will still function if the other output connection is
inadvertently shorted providing these loads are AC coupled.
FMS6408
14-pin
TSSOP
YINA
VCC
UINA
VINA
BYPASS
GND
Y
INB
GND
INMUX (A/B)
UINB
VINB
YOUT
UOUT
VOUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8


Similar Part No. - FMS6408-4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408MTC141 FAIRCHILD-FMS6408MTC141 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6408MTC1410 FAIRCHILD-FMS6408MTC1410 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6408MTC1411 FAIRCHILD-FMS6408MTC1411 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6408MTC1412 FAIRCHILD-FMS6408MTC1412 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6408MTC141X FAIRCHILD-FMS6408MTC141X Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
More results

Similar Description - FMS6408-4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
Micro Linear Corporatio...
ML6426 MICRO-LINEAR-ML6426 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
logo
Fairchild Semiconductor
ML6426 FAIRCHILD-ML6426 Datasheet
146Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
FMS6417 FAIRCHILD-FMS6417 Datasheet
137Kb / 12P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6417A FAIRCHILD-FMS6417A Datasheet
264Kb / 14P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com