Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6408MTC144 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FMS6408MTC144
Description  Triple Video Filter Driver for RGB and YUV Signals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6408MTC144 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FMS6408MTC144 Datasheet HTML 1Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 2Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 3Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 4Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 5Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 6Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 7Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 8Page - Fairchild Semiconductor FMS6408MTC144 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
REV. 2C August 31, 2004
DATA SHEET
FMS6408
E/2
2X
ddd C B A
6
6
1.0
1.0
12 3
9
e /2
E1 E
e
N
8
– B – 7
2X
N/2 TIPS
1.0 DIA
– A –
7
– C –
aaa C
ccc
83
D
CB A
bbb M
b NX
A1
A2
A
c1
c
(b)
b1
5
SECTION AA
10
A
A
– H –
GAGE
PLANE
0.25
(0.20)
(02)
R1
R
01
(L1)
L
(03)
NOTES:
1 All dimensions are in millimeters (angle in degrees).
2
Dimensioning and tolerancing per ASME Y14.5–1994.
3
Dimensions "D" does not include mold flash, protusions or gate burrs. Mold flash protusions or gate burrs shall not exceed 0.15 per side .
4
Dimension "E1" does not include interlead flash or protusion. Interlead flash or protusion shall not exceed 0.25 per side.
5
Dimension "b" does not include dambar protusion. Allowable dambar protusion shall be 0.08mm total in excess of the "b" dimension at maximum
material condition. Dambar connot be located on the lower radius of the foot. Minimum space between protusion and adjacent lead is 0.07mm
for 0.5mm pitch packages.
6
Terminal numbers are shown for reference only.
7
Datums – A – and – B – to be determined at datum plane – H – .
8
Dimensions "D" and "E1" to be determined at datum plane – H – .
9
This dimensions applies only to variations with an even number of leads per side. For variation with an odd number of leads per side, the "center"
lead must be coincident with the package centerline, Datum A.
10
Cross sections A – A to be determined at 0.10 to 0.25mm from the leadtip.
SYMBOL
MIN
NOM
MAX
A
1.10
A1
0.05
0.15
A2
0.85
0.90
0.95
L
0.50
0.60
0.75
R
0.09
R1
0.09
b
0.19
0.30
b1
0.19
0.22
0.25
c
0.09
0.20
c1
0.09
0.16
01
0
8
L1
1.0 REF
aaa
0.10
bbb
0.10
ccc
0.05
ddd
0.20
e
0.65 BSC
02
12 REF
03
12 REF
MTC-14
D
4.90
5.00
5.10
E1
4.30
4.40
4.50
E
6.4 BSC
e
0.65 BSC
N
14
Package Dimensions
MTC-14


Similar Part No. - FMS6408MTC144

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408MTC144 FAIRCHILD-FMS6408MTC144 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
More results

Similar Description - FMS6408MTC144

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
Micro Linear Corporatio...
ML6426 MICRO-LINEAR-ML6426 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
logo
Fairchild Semiconductor
ML6426 FAIRCHILD-ML6426 Datasheet
146Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
FMS6417 FAIRCHILD-FMS6417 Datasheet
137Kb / 12P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6417A FAIRCHILD-FMS6417A Datasheet
264Kb / 14P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com