Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6408MTC145 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FMS6408MTC145
Description  Triple Video Filter Driver for RGB and YUV Signals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6408MTC145 Datasheet(HTML) 9 Page - Fairchild Semiconductor

  FMS6408MTC145 Datasheet HTML 1Page - Fairchild Semiconductor FMS6408MTC145 Datasheet HTML 2Page - Fairchild Semiconductor FMS6408MTC145 Datasheet HTML 3Page - Fairchild Semiconductor FMS6408MTC145 Datasheet HTML 4Page - Fairchild Semiconductor FMS6408MTC145 Datasheet HTML 5Page - Fairchild Semiconductor FMS6408MTC145 Datasheet HTML 6Page - Fairchild Semiconductor FMS6408MTC145 Datasheet HTML 7Page - Fairchild Semiconductor FMS6408MTC145 Datasheet HTML 8Page - Fairchild Semiconductor FMS6408MTC145 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.fairchildsemi.com
© 2004 Fairchild Semiconductor Corporation
FMS6408
DATA SHEET
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICES TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION
OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES
IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN
APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein:
Ordering Information
Temperature range for all parts: 0°C to +70°C.
Contact Fairchild for ordering information regarding other clamping and peaking options. Refer to the Factory Programming Options Table on
page 3 for a detailed description of available options.
Model
Part Number
Lead
Free
Mode
Output
Peaking
Package
Container
Pack
Qty
FMS6408
FMS6408MTC141_NL
YUV/RGB
0dB
TSSOP-14
Tube
94
FMS6408
FMS6408MTC141X_NL
YUV/RGB
0dB
TSSOP-14
Tape and Reel
2500
FMS6408
FMS6408MTC143_NL
YUV/RGB
0.9dB
TSSOP-14
Tube
94
FMS6408
FMS6408MTC143X_NL
YUV/RGB
0.9dB
TSSOP-14
Tape and Reel
2500
1. Life support devices or systems are devices or systems which, (a) are intended for
surgical implant into the body, or (b) support or sustain life, and (c) whose failure to per
form when properly used in accordance with instructions for use provided in the labeling,
can be reasonably expected to result in a significant injury of the user.
2. A critical component in any component of a life support device or system whose failure
to perform can be reasonably expected to cause the failure of the life support device or
system, or to affect its safety or effectiveness.


Similar Part No. - FMS6408MTC145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408MTC145 FAIRCHILD-FMS6408MTC145 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
More results

Similar Description - FMS6408MTC145

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
Micro Linear Corporatio...
ML6426 MICRO-LINEAR-ML6426 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
logo
Fairchild Semiconductor
ML6426 FAIRCHILD-ML6426 Datasheet
146Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
FMS6417 FAIRCHILD-FMS6417 Datasheet
137Kb / 12P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6417A FAIRCHILD-FMS6417A Datasheet
264Kb / 14P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com