Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1540-CQR Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS1540-CQR
Description  HDTV Serial Digital Non-Equalizing Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1540-CQR Datasheet(HTML) 4 Page - Gennum Corporation

  GS1540-CQR Datasheet HTML 1Page - Gennum Corporation GS1540-CQR Datasheet HTML 2Page - Gennum Corporation GS1540-CQR Datasheet HTML 3Page - Gennum Corporation GS1540-CQR Datasheet HTML 4Page - Gennum Corporation GS1540-CQR Datasheet HTML 5Page - Gennum Corporation GS1540-CQR Datasheet HTML 6Page - Gennum Corporation GS1540-CQR Datasheet HTML 7Page - Gennum Corporation GS1540-CQR Datasheet HTML 8Page - Gennum Corporation GS1540-CQR Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
GENNUM CORPORATION
522 - 27- 00
4
Carrier Detect Timer
Loop bandwidth approximately
1.4MHz @ 0.2 UI input jitter
modulation (LBCONT floating).
-12
-
ms
7
Phase Lock/Unlock Timer
(1nF PLCAP)
Loop bandwidth approximately
1.4MHz @ 0.2 UI input jitter
modulation (LBCONT floating).
60
-
-
µs
7
Serial Output – Signal Swing
VSDO
320
400
480
mV
1
Serial Digital Output –
Rise and Fall Time
tR-SDO, tF-SDO
-150
270
ps
7
Serial Digital Output –
Rise and Fall Time Mismatch
--
100
ps
7
Serial Digital Output –
Intrinsic Jitter
(RMS Jitter for clean PRN 2
23 – 1
input on DDI/DDI inputs)
tIJ
-10
-
ps
2
Loop bandwidth
@ 0.2UI jitter modulation
LBCONT floating
-1.4
-
MHz
7
Jitter peaking
--
0.1
dB
7
AC ELECTRICAL CHARACTERISTICS - SERIAL TO PARALLEL STAGE
VCC = 5V, TA = 0°C to 70°C unless otherwise shown.
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
TEST LEVEL
Parallel Output Clock Frequency
SMPTE 292M
PCLK_OUT
74.25/1.001
74.25
-
MHz
1
Clock Pulse Width Low
15pF load
tPWL
57
-
ns7
Clock Pulse Width High
15pF load
tPWH
56
-
ns7
Output signal Rise/Fall time
15pF load
tr, tf
-
2000
4000
ps
7
Output Signal Rise/Fall Time Matching
15pF load
trfm
-
1000
2000
ps
7
Output Setup Time
15pF load
tOD
46
-
ns2
Output Hold Time
15pF load
tOH
57
-
ns2
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using
correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
AC ELECTRICAL CHARACTERISTICS - RECLOCKER STAGE (Continued)
VCC = 5V, TA = 0°C to 70°C unless otherwise shown.
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
TEST
LEVEL


Similar Part No. - GS1540-CQR

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1540-CQR GENNUM-GS1540-CQR Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540-CQRE3 GENNUM-GS1540-CQRE3 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
More results

Similar Description - GS1540-CQR

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com