Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD26C32A Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HD26C32A
Description  Quadruple Differential Line Receivers With 3 State Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD26C32A Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HD26C32A Datasheet HTML 6Page - Hitachi Semiconductor HD26C32A Datasheet HTML 7Page - Hitachi Semiconductor HD26C32A Datasheet HTML 8Page - Hitachi Semiconductor HD26C32A Datasheet HTML 9Page - Hitachi Semiconductor HD26C32A Datasheet HTML 10Page - Hitachi Semiconductor HD26C32A Datasheet HTML 11Page - Hitachi Semiconductor HD26C32A Datasheet HTML 12Page - Hitachi Semiconductor HD26C32A Datasheet HTML 13Page - Hitachi Semiconductor HD26C32A Datasheet HTML 14Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
HD26C32A
10
Input Current vs. Input Voltage
2.0
–2.0
–15
9
0
3
15
Input Voltage VIN (V)
–3
9
1.2
0.4
0.0
–0.4
–1.2
V CC
=
0
V
V CC
=
5.5
V
Ta = 25
°C
Figure 2 Input Voltage vs. Input Current Characteristics
Driver
Receiver
VCC
R2
R1
R1
R2
RT
Figure 3 Method of Enhancing Fail-Safe Function
VCC
R2
R1
R1
R2
VDIFF
100
0.6
0.5
0.4
0.3
0.2
0.1
0
5
10
15
Differential Input Voltage vs. R1
R1 (k
Ω)
R2
=
100
kΩ
R2 =
300
kΩ
R2 =
Ta = 25
°C
VCC = 5 V
Figure 4 R
1, R2 vs. Differential Input Voltage


Similar Part No. - HD26C32A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD26C32A RENESAS-HD26C32A Datasheet
184Kb / 13P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26C32AFPEL RENESAS-HD26C32AFPEL Datasheet
184Kb / 13P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26C32AP RENESAS-HD26C32AP Datasheet
184Kb / 13P
   Quadruple Differential Line Drivers With 3 State Outputs
HD26C32A RENESAS-HD26C32A_04 Datasheet
184Kb / 13P
   Quadruple Differential Line Drivers With 3 State Outputs
More results

Similar Description - HD26C32A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Renesas Technology Corp
HD26LS32A RENESAS-HD26LS32A Datasheet
134Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 RENESAS-HD26LS32 Datasheet
202Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
HD75173 RENESAS-HD75173 Datasheet
131Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
Rev.2.00, Jul.16.2004,
HD75173 RENESAS-HD75173 Datasheet
131Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
Rev.2.00 Jul.16.2004
logo
Hitachi Semiconductor
HD26LS32 HITACHI-HD26LS32 Datasheet
88Kb / 15P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Renesas Technology Corp
HD29413 RENESAS-HD29413 Datasheet
139Kb / 8P
   Quadruple Differential Line Receivers With 3 State Outputs
logo
Hitachi Semiconductor
HD293486 HITACHI-HD293486 Datasheet
29Kb / 6P
   Quadruple Dfferential Line Receivers With 3 State Outputs
HD26LS31 HITACHI-HD26LS31 Datasheet
81Kb / 15P
   Quadruple Differential Line Drivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
   Quadruple Differential Line Drivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com