Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3863 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HFA3863
Description  Direct Sequence Spread Spectrum Baseband Processor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3863 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HFA3863 Datasheet HTML 4Page - Intersil Corporation HFA3863 Datasheet HTML 5Page - Intersil Corporation HFA3863 Datasheet HTML 6Page - Intersil Corporation HFA3863 Datasheet HTML 7Page - Intersil Corporation HFA3863 Datasheet HTML 8Page - Intersil Corporation HFA3863 Datasheet HTML 9Page - Intersil Corporation HFA3863 Datasheet HTML 10Page - Intersil Corporation HFA3863 Datasheet HTML 11Page - Intersil Corporation HFA3863 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
4-8
Power Down Modes
The power consumption modes of the HFA3863 are
controlled by the following control signals.
Receiver Power Enable (RX_PE, pin 61), which disables the
receiver when inactive.
Transmitter Power Enable (TX_PE, pin 62), which disables
the transmitter when inactive.
Reset (RESET, pin 63), which puts the receiver in a sleep
mode. The power down mode where, both RESET and
RX_PE are used is the lowest possible power consumption
mode for the receiver. Exiting this mode requires a
maximum of 10
µs before the device is operational.
The contents of the Configuration Registers are not effected
by any of the power down modes. No reconfiguration is
required when returning to operational modes. Activation of
RESET does NOT corrupt learned values of AGC settings
and noise floor values.
Table 2 describes the power down modes available for the
HFA3863 (VCC = 3.3V). The table values assume that all
other inputs to the part (MCLK, SCLK, etc.) continue to run
except as noted.
Transmitter Description
The HFA3863 transmitter is designed as a Direct Sequence
Spread Spectrum Phase Shift Keying (DSSS PSK)
modulator. It can handle data rates of up to 11Mbps (refer to
AC and DC specifications). The various modes of the
modulator are Differential Binary Phase Shift Keying
(DBPSK) for 1Mbps, Differential Quaternary Phase Shift
Keying (DQPSK) for 2Mbps, and Complementary Code
Keying (CCK) for 5.5Mbps and 11Mbps. These implement
data rates as shown in Table 3. The major functional blocks
of the transmitter include a network processor interface,
DPSK modulator, high rate modulator, a data scrambler and
a spreader, as shown in Figure 7. CCK is essentially a
quadra-phase form of M-ARY Orthogonal Keying. A
description of that modulation can be found in Chapter 5 of:
“Telecommunications System Engineering”, by Lindsey and
Simon, Prentis Hall publishing.
The preamble is always transmitted as the DBPSK
waveform while the header can be configured to be either
DBPSK, or DQPSK, and data packets can be configured
for DBPSK, DQPSK, or CCK. The preamble is used by the
receiver to achieve initial PN synchronization while the
header includes the necessary data fields of the
communications protocol to establish the physical layer
link. The transmitter generates the synchronization
preamble and header and knows when to make the DBPSK
to DQPSK or CCK switchover, as required.
RX_RF_AGC
RX_IF_DET
THRESH.
IF
DAC
I ADC
Q ADC
RX_Q
±
RX_I
±
RX_IF_AGC
HFA3683
HFA3783
HFA3863
6
6
7
1
1
I/O
DEMOD
AGC
DATA I/O
DETECT
CTL
FIGURE 6. AGC CIRCUIT
TABLE 2. POWER DOWN MODES
MODE
RX_PE
TX_PE
RESET
AT
44MHz
DEVICE STATE
SLEEP
Inactive
Inactive
Active
1mA
Both transmit and receive functions disabled. Device in sleep mode. Control
Interface is still active. Register values are maintained. Device will return to its active
state within 10
µs.
STANDBY
Inactive
Inactive
Inactive
1.5mA
Both transmit and receive operations disabled. Device will resume its operational
state within 1
µs of RX_PE or TX_PE going active.
TX
Inactive
Active
Inactive
15mA
Receiver operations disabled. Receiver will return in its operational state within 1
µs
of RX_PE going active.
RX
Active
Inactive
Inactive
50mA
Transmitter operations disabled. Transmitter will return to its operational state within
2 MCLKs of TX_PE going active.
NO CLOCK
ICC Standby
Active
300
µA All inputs at VCC or GND.
HFA3863


Similar Part No. - HFA3863

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3860 INTERSIL-HFA3860 Datasheet
250Kb / 40P
   11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV INTERSIL-HFA3860AIV Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV96 INTERSIL-HFA3860AIV96 Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
More results

Similar Description - HFA3863

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860 INTERSIL-HFA3860 Datasheet
250Kb / 40P
   11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
logo
List of Unclassifed Man...
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com