Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA1E-AC48V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # HA1E-AC48V
Description  COST SAVING SUBMINIATURE PC BOARD RELAYS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HA1E-AC48V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  HA1E-AC48V Datasheet HTML 1Page - Nais(Matsushita Electric Works) HA1E-AC48V Datasheet HTML 2Page - Nais(Matsushita Electric Works) HA1E-AC48V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HA
210
REFERENCE DATA
1.-(1) Coil temperature rise (AC PC board type)
Point measured: Inside the coil
1.-(2) Coil temperature rise (DC PC board type)
30
0
40
50
60
70
80
100
110
50 Hz deactivated
50 Hz 3 A
60 Hz 3 A
60 Hz deactivated
Coil applied voltage, %V
10
0
20
30
40
50
80
100
120
150
Coil applied voltage, %V
Contact activated: 0 A
Contact activated: 3 A
Operate and release time
Sample: HA1-DC12V
Sample: HA1-AC115V
0
5
10
15
20
80
100
120
Max.
Min.
Max.
Min.
x
x
Release time
Operate time
Coil applied voltage, %V
0
5
10
15
20
80
100
120
Max.
Min.
Max.
Min.
x
x
Release time
Operate time
Coil applied voltage, %V
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - HA1E-AC48V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA1EV2S1R ETC2-HA1EV2S1R Datasheet
3Mb / 23P
   L6 Series Miniature Switches and Pilot Devices
More results

Similar Description - HA1E-AC48V

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ957 ZETTLER-AZ957 Datasheet
54Kb / 2P
   SUBMINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ9571 AZETTLER-AZ9571 Datasheet
103Kb / 2P
   SUBMINIATURE PC BOARD RELAY
AZ955 AZETTLER-AZ955 Datasheet
80Kb / 2P
   SUBMINIATURE PC BOARD RELAY
AZ957 AZETTLER-AZ957 Datasheet
108Kb / 2P
   SUBMINIATURE PC BOARD RELAY
AZ5 AZETTLER-AZ5 Datasheet
94Kb / 2P
   SUBMINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ955 ZETTLER-AZ955 Datasheet
89Kb / 2P
   SUBMINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ955 ETC-AZ955 Datasheet
41Kb / 2P
   SUBMINIATURE PC BOARD RELAY
AZ957 ETC-AZ957 Datasheet
48Kb / 2P
   SUBMINIATURE PC BOARD RELAY
logo
TE Connectivity Ltd
V23105A5003A201 TEC-V23105A5003A201 Datasheet
1Mb / 8P
   Communications/Signal PC Board Relays
04-2011, Rev. 0411
logo
List of Unclassifed Man...
HM4100F ETC1-HM4100F Datasheet
86Kb / 2P
   Subminiature power relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com