Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN29V25611AT-50H Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HN29V25611AT-50H
Description  256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN29V25611AT-50H Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HN29V25611AT-50H Datasheet HTML 5Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 6Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 7Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 8Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 9Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 10Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 11Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 12Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
HN29V25611AT-50H
7
Pin Function
CE: CE is used to select the device. The status returns to the standby at the rising edge of CE in the reading
operation. However, the status does not return to the standby at the rising edge of
CE in the busy state in
programming and erase operation.
OE: Memory data and status register data can be read, when OE is V
IL.
WE: Commands and address are latched at the rising edge of WE.
SC: Programming and reading data is latched at the rising edge of SC.
RES: RES pin must be kept at the V
ILR (V SS ± 0.2 V) level when VCC is turned on and off.
In this way, data
in the memory is protected against unintentional erase and programming.
RES must be kept at the V
IHR (VCC
± 0.2 V) level during any operations such as programming, erase and read.
CDE: Commands and data are latched when CDE is V
IL and address is latched when CDE is VIH.
RDY/
Busy: The RDY/Busy indicates the program/erase status of the flash memory. The RDY/Busy signal
is initially at a high impedance state. It turns to a V
OL level after the (40H) command in programming
operation or the (B0H) command in erase operation. After the erase or programming operation finishes, the
RDY/
Busy signal turns back to the high impedance state.
I/O0 to I/O7: The I/O pins are used to input data, address and command, and are used to output memory data
and status register data.
Mode Selection
Mode
CE
OE
WE
SC
RES CDE RDY/Busy*
3
I/O0 to I/O7
Deep standby
×*4
×××
V
ILR
×
V
OH
High-Z
Standby
V
IH
×××
V
IHR
×
V
OH
High-Z
Output disable
V
IL
V
IH
V
IH
×
V
IHR
×
V
OH
High-Z
Status register read*
1
V
IL
V
IL
V
IH
×
V
IHR
×
V
OH
Status register outputs
Command write*
2
V
IL
V
IH
V
IL
V
IL
V
IHR
V
IL
V
OH
Din
Notes: 1. Default mode after the power on is the status register read mode (refer to status transition). From
I/O0 to I/O7 pins output the status, when
CE = V
IL and OE = VIL (conventional read operation
condition).
2. Refer to the command definition. Data can be read, programmed and erased after commands are
written in this mode.
3. The RDY/
Busy bus should be pulled up to V
CC to maintain the VOH level while the RDY/Busy pin
outputs a high impedance.
4. An
× means “Don’t care”. The pin level can be set to either V
IL or VIH referred to DC characteristics.


Similar Part No. - HN29V25611AT-50H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
More results

Similar Description - HN29V25611AT-50H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN29W25611T HITACHI-HN29W25611T Datasheet
331Kb / 42P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Renesas Technology Corp
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Mitsubishi Electric Sem...
M5M29F25611VP MITSUBISHI-M5M29F25611VP Datasheet
499Kb / 36P
   MORE THAN 16,057 SECTORS (271,299,072 BITS) CMOS 3.3V-ONLY SERIAL READ FLASH MEMORY
logo
Hitachi Semiconductor
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
   128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29V51211 HITACHI-HN29V51211 Datasheet
306Kb / 42P
   512M AND type Flash Memory More than 32,113-sector (542,581,248-bit)
logo
Renesas Technology Corp
HN29V102414 RENESAS-HN29V102414 Datasheet
352Kb / 48P
   1G AND type Flash Memory More than 32,113-sector (542,581,248-bit) x 2
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
Samsung semiconductor
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
K9F2G08B0B SAMSUNG-K9F2G08B0B Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com