Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82V737 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT82V737
Description  16-Bit Stereo Audio D/A Converter with Earphone Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V737 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT82V737 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V737 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Package Information
16-pin NSOP (150mil) Outline Dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
228
¾
244
B
149
¾
157
C14
¾
20
C
¢
386
¾
394
D53
¾
69
E
¾
50
¾
F4
¾
10
G22
¾
28
H4
¾
12
a
0
°¾
10
°
HT82V737
Rev. 1.00
5
November 26, 2003
1 6
1
9
8
a
A
B
C
D
E
F
G
H
C '


Similar Part No. - HT82V737

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V731 HOLTEK-HT82V731 Datasheet
68Kb / 7P
   Audio D/A Converter
HT82V732 HOLTEK-HT82V732 Datasheet
105Kb / 7P
   60mA Audio Power Amp
HT82V733 HOLTEK-HT82V733 Datasheet
111Kb / 8P
   240mA Audio Power Amp
HT82V733 HOLTEK-HT82V733 Datasheet
85Kb / 7P
   240mA Audio Power Amp
HT82V733 HOLTEK-HT82V733_02 Datasheet
85Kb / 7P
   240mA Audio Power Amp
More results

Similar Description - HT82V737

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M1725 UTC-M1725 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
logo
Rohm
BU9480F ROHM-BU9480F Datasheet
56Kb / 5P
   16-bit stereo D / A converter for audio applications
logo
Cirrus Logic
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
   24-Bit Stereo Audio D/A Converter
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
   16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
   Low Cost, 20-Bit, Stereo, Audio D/A Converter
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com