Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8003 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM8003
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8003 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM8003 Datasheet HTML 20Page - Linear Technology LTM8003 Datasheet HTML 21Page - Linear Technology LTM8003 Datasheet HTML 22Page - Linear Technology LTM8003 Datasheet HTML 23Page - Linear Technology LTM8003 Datasheet HTML 24Page - Linear Technology LTM8003 Datasheet HTML 25Page - Linear Technology LTM8003 Datasheet HTML 26Page - Linear Technology LTM8003 Datasheet HTML 27Page - Linear Technology LTM8003 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LTM8003
24
8003fc
For more information www.linear.com/LTM8003
APPLICATIONS INFORMATION
θJCtopisdeterminedwithnearlyallofthecomponentpower
dissipation flowing through the top of the package. As the
electrical connections of the typical µModule regulator are
on the bottom of the package, it is rare for an application
to operate such that most of the heat flows from the junc-
tion to the top of the part. As in the case of θJCbottom, this
value may be useful for comparing packages but the test
conditions don’t generally match the user’s application.
θJB is the junction-to-board thermal resistance where
almost all of the heat flows through the bottom of the
µModule regulator and into the board, and is really the
sum of the θJCbottom and the thermal resistance of the
bottom of the part through the solder joints and through a
portion of the board. The board temperature is measured
a specified distance from the package, using a two sided,
two layer board. This board is described in JESD 51-9.
Giventhesedefinitions,itshouldnowbeapparentthatnone
of these thermal coefficients reflects an actual physical
operating condition of a µModule regulator. Thus, none
of them can be individually used to accurately predict the
thermal performance of the product. Likewise, it would
be inappropriate to attempt to use any one coefficient to
correlate to the junction temperature vs load graphs given
in the product’s data sheet. The only appropriate way to
use the coefficients is when running a detailed thermal
analysis, such as FEA, which considers all of the thermal
resistances simultaneously.
A graphical representation of these thermal resistances
is given in Figure 6. The blue resistances are contained
within the µModule regulator, and the green are outside.
The die temperature of the LTM8003 must be lower than
the maximum rating, so care should be taken in the layout
of the circuit to ensure good heat sinking of the LTM8003.
The bulk of the heat flow out of the LTM8003 is through
the bottom of the package and the pads into the printed
circuit board. Consequently a poor printed circuit board
design can cause excessive heating, resulting in impaired
performance or reliability. Please refer to the PCB Layout
section for printed circuit board design suggestions.
8003 F06
µMODULE DEVICE
JUNCTION-TO-CASE (TOP)
RESISTANCE
JUNCTION-TO-BOARD RESISTANCE
JUNCTION-TO-AMBIENT RESISTANCE (JESD 51-9 DEFINED BOARD)
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE
Figure6. Graphical Representation of the Thermal Resistances Between the Device Junction and Ambient


Similar Part No. - LTM8003

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8003 LINER-LTM8003 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8003 AD-LTM8003 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
More results

Similar Description - LTM8003

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
   65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
   5V, 6A Synchronous Step-Down Silent Switcher
LT8641A AD-LT8641A Datasheet
860Kb / 35P
   65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
   42V, 6A Synchronous Step-Down Silent Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com