Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8050 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM8050
Description  58V, 2A Step-Down 關Module Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8050 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM8050 Datasheet HTML 16Page - Linear Technology LTM8050 Datasheet HTML 17Page - Linear Technology LTM8050 Datasheet HTML 18Page - Linear Technology LTM8050 Datasheet HTML 19Page - Linear Technology LTM8050 Datasheet HTML 20Page - Linear Technology LTM8050 Datasheet HTML 21Page - Linear Technology LTM8050 Datasheet HTML 22Page - Linear Technology LTM8050 Datasheet HTML 23Page - Linear Technology LTM8050 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTM8050
24
8050fc
For more information www.linear.com/LTM8050
LINEAR TECHNOLOGY CORPORATION 2013
LT 1016 REV C • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 FAX: (408) 434-0507 ● www.linear.com/LTM8050
PACKAGE PHOTO
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTM4601/LTM4603 12A and 6A DC/DC µModule
Pin Compatible; Remote Sensing; PLL, Tracking and Margining, 4.5V ≤ VIN ≤ 28V
LTM4604A
4A, Low VIN DC/DC µModule
2.375V ≤ VIN ≤ 5.5V, 0.8V ≤ VOUT ≤ 5V, 9mm × 15mm × 2.3mm LGA Package
LTM4606
Low EMI 6A, 28V DC/DC µModule 4.5V ≤ VIN ≤ 28V, 0.6V ≤ VOUT ≤ 5V, 15mm × 15mm × 2.8mm LGA Package
LTM8020
200mA, 36V DC/DC µModule
4V ≤ VIN ≤ 36V, 1.25V ≤ VOUT ≤ 5V, 6.25mm × 6.25mm × 2.32mm LGA Package
LTM8022/LTM8023 1A and 2A, 36V DC/DC µModule
Pin Compatible 3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, 11.25mm × 9mm × 2.82mm LGA Package
LTM8027
60V, 4A DC/DC µModule
4.5V ≤ VIN ≤ 60V; 2.5V ≤ VOUT ≤ 24V, 15mm × 15mm × 4.32mm LGA Package
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.


Similar Part No. - LTM8050

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8050 LINER-LTM8050 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
More results

Similar Description - LTM8050

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8050 LINER-LTM8050_15 Datasheet
474Kb / 24P
   58V, 2A Step-Down Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
LT3980 LINER-LT3980_15 Datasheet
331Kb / 24P
   58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
LTM8023 LINER-LTM8023_15 Datasheet
760Kb / 24P
   2A, 36V DC/DC Step-Down Module Regulator
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
   2A Step-Down Voltage Regulator
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
   Monolithic 2A Step-Down Regulator
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com