Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8056 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8056
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8056 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8056 Datasheet HTML 16Page - Linear Technology LTM8056 Datasheet HTML 17Page - Linear Technology LTM8056 Datasheet HTML 18Page - Linear Technology LTM8056 Datasheet HTML 19Page - Linear Technology LTM8056 Datasheet HTML 20Page - Linear Technology LTM8056 Datasheet HTML 21Page - Linear Technology LTM8056 Datasheet HTML 22Page - Linear Technology LTM8056 Datasheet HTML 23Page - Linear Technology LTM8056 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTM8056
20
8056fa
For more information www.linear.com/LTM8056
A graphical representation of these thermal resistances
is given in Figure 7.
The blue resistances are contained within the µModule
converter, and the green are outside.
The die temperature of the LTM8056 must be lower than
the maximum rating of 125°C, so care should be taken in
the layout of the circuit to ensure good heat sinking of the
LTM8056. The bulk of the heat flow out of the LTM8056
is through the bottom of the μModule converter and the
BGA pads into the printed circuit board. Consequently a
poor printed circuit board design can cause excessive
heating, resulting in impaired performance or reliability.
Please refer to the PCB Layout section for printed circuit
board design suggestions.
8056 F07
µMODULE CONVERTER
JUNCTION-TO-CASE (TOP)
RESISTANCE
JUNCTION-TO-BOARD RESISTANCE
JUNCTION-TO-AMBIENT RESISTANCE (JESD 51-9 DEFINED BOARD)
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE
Figure 7
APPLICATIONS INFORMATION


Similar Part No. - LTM8056

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8056 LINER-LTM8056 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
LTM8056 LINER-LTM8056 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
LTM8056 LINER-LTM8056 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
LTM8056 LINER-LTM8056 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
logo
Analog Devices
LTM8056 AD-LTM8056 Datasheet
1Mb / 48P
   Six-Phase, Synchronous Bidirectional Buck or Boost Controller
More results

Similar Description - LTM8056

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8056 LINER-LTM8056_15 Datasheet
432Kb / 26P
   58VIN, 48VOUT Buck-Boost Module Regulator
LTM8055 LINER-LTM8055 Datasheet
516Kb / 26P
   36VIN, 8.5A Buck-Boost 關Module Regulator
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
   36V, 1.5A Buck-Boost 關Module Regulator
LTM4693 AD-LTM4693 Datasheet
1Mb / 22P
   Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
logo
Linear Technology
LTM4625EY LINER-LTM4625EY Datasheet
454Kb / 8P
   Tiny 3A DC/DC Inverting Buck-Boost 關Module Regulator
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
   Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
   36VIN, 8.5A Buck-Boost Module Regulator
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com