Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V261LA Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V261LA
Description  3.3 VOLT CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V261LA Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V261LA Datasheet HTML 4Page - Integrated Device Technology IDT72V261LA Datasheet HTML 5Page - Integrated Device Technology IDT72V261LA Datasheet HTML 6Page - Integrated Device Technology IDT72V261LA Datasheet HTML 7Page - Integrated Device Technology IDT72V261LA Datasheet HTML 8Page - Integrated Device Technology IDT72V261LA Datasheet HTML 9Page - Integrated Device Technology IDT72V261LA Datasheet HTML 10Page - Integrated Device Technology IDT72V261LA Datasheet HTML 11Page - Integrated Device Technology IDT72V261LA Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V261LA/72V271LA
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 and 32,768 x 9
8
IDT72V271LA
IDT72V271LA
FF PAF HF PAE EF
00
L
H
H
L
H
1 to n+1 (1)
1 to n+1 (1)
LH
H
L
L
(n + 2) to 8,193
(n + 2) to 16,385
L
H
H
H
L
8,194 to (16,385-(m+1))(2)
16,386 to (32,769-(m+1)) (2)
L
HLH
L
(16,385-m) to 16,384
(32,769-m) (2) to 32,768
L
L
L
H
L
16,385
32,769
H
L
L
H
L
IDT72V261LA
IDT72V261LA
FF PAF HF PAE EF
00
H
H
H
L
L
1 to n (1)
1 to n (1)
HH
H
L
H
(n + 1) to 8,192
(n + 1) to 16,384
H
H
H
H
H
8,193 to (16,384-(m+1))
16,385 to (32,768-(m+1))
H
HLH
H
(16,384-m)(2) to 16,383
(32,768-m) (2) to 32,767
H
L
L
H
H
16,384
32,768
L
L
L
H
H
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
NOTES:
1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected.
2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected.
PROGRAMMING FLAG OFFSETS
Full and Empty Flag offset values are user programmable. The
IDT72V261LA/72V271LA has internal registers for these offsets. De-
fault settings are stated in the footnotes of Table 1 and Table 2. Offset
values can be programmed into the FIFO in one of two ways; serial or
parallel loading method. The selection of the loading method is done
using the
LD (Load) pin. During Master Reset, the state of the LD input
determines whether serial or parallel flag offset programming is en-
abled. A HIGH on
LD during Master Reset selects serial loading of
offset values and in addition, sets a default
PAE offset value of 3FFH (a
threshold 1,023 words from the empty boundary), and a default
PAF
offset value of 3FFH (a threshold 1,023 words from the full boundary).
A LOW on
LD during Master Reset selects parallel loading of offset
values, and in addition, sets a default
PAE offset value of 07FH (a
threshold 127 words from the empty boundary), and a default
PAF
offset value of 07FH (a threshold 127 words from the full boundary).
See Figure 3, Offset Register Location and Default Values.
In addition to loading offset values into the FIFO, it also possible to read
the current offset values. It is only possible to read offset values via parallel
read.
Figure 4, Programmable Flag Offset Programming Sequence, summa-
rizes the control pins and sequence for both serial and parallel program-
ming modes. For a more detailed description, see discussion that follows.
The offset registers may be programmed (and reprogrammed) any time
after Master Reset, regardless of whether serial or parallel programming
has been selected.
TABLE 1 — STATUS FLAGS FOR IDT STANDARD MODE
TABLE 2 — STATUS FLAGS FOR FWFT MODE
Number of
Words in
FIFO
Number of
Words in
FIFO (1)


Similar Part No. - IDT72V261LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V261LA IDT-IDT72V261LA Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - IDT72V261LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com