Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V36106L10PF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72V36106L10PF
Description  3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V36106L10PF Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72V36106L10PF Datasheet HTML 1Page - Integrated Device Technology IDT72V36106L10PF Datasheet HTML 2Page - Integrated Device Technology IDT72V36106L10PF Datasheet HTML 3Page - Integrated Device Technology IDT72V36106L10PF Datasheet HTML 4Page - Integrated Device Technology IDT72V36106L10PF Datasheet HTML 5Page - Integrated Device Technology IDT72V36106L10PF Datasheet HTML 6Page - Integrated Device Technology IDT72V36106L10PF Datasheet HTML 7Page - Integrated Device Technology IDT72V36106L10PF Datasheet HTML 8Page - Integrated Device Technology IDT72V36106L10PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
COMMERCIALTEMPERATURERANGE
IDT72V3686/72V3696/72V36106 3.3V CMOS TRIPLE BUS SyncFIFOTM
WITH BUS-MATCHING 16,384 x 36 x 2, 32,768 x 36 x 2, 65, 536 x 36
PIN DESCRIPTIONS
Symbol
Name
I/O
Description
A0-A35
Port A Data
I/O
36-bit bidirectional data port for side A.
AEA
Port A Almost-
O
Programmable Almost-Empty flag synchronized to CLKA. It is LOW when the number of words in FIFO2
Empty Flag
is less than or equal to the value in the Almost-Empty A Offset register, X2.
AEB
Port B Almost-
O
Programmable Almost-Empty flag synchronized to CLKB. It is LOW when the number of words in FIFO1
Empty Flag
is less than or equal to the value in the Almost-Empty B Offset register, X1.
AFA
Port A Almost-
O
Programmable Almost-Full flag synchronized to CLKA. It is LOW when the number of empty locations
Full Flag
in FIFO1 is less than or equal to the value in the Almost-Full A Offset register, Y1.
AFC
Port C Almost-
O
Programmable Almost-Full flag synchronized to CLKC. It is LOW when the number of empty locations
Full Flag
in FIFO2 is less than or equal to the value in the Almost-Full C Offset register, Y2.
B0-B17
Port B Data
O
18-bit output data port for side B.
BE/
FWFT
Big-Endian/
I
This is a dual purpose pin. During Master Reset, a HIGH on BE will select Big-Endian operation.
First Word Fall
In this case, depending on the bus size, the most significant byte or word on Port A is read from
Through Select
Port B first (A-to-B data flow) or is written to Port C first (C-to-A data flow). A LOW on BE will select
Little-Endian operation. In this case, the least significant byte or word on Port A is read from Port B first
(A-to-B data flow) or is written to Port C first (C-to-A data flow).
After Master Reset, this pin selects the timing mode. A HIGH on
FWFT selects IDT Standard mode, a
LOW selects First Word Fall Through mode. Once the timing mode has been selected, the level on
FWFT must be static throughout device operation.
C0-C17
Port C Data
I
18-bit input data port for side C.
CLKA
Port A Clock
I
CLKA is a continuous clock that synchronizes all data transfers through Port A and can be
asynchronous or coincident to CLKB.
FFA/IRA, EFA/ORA, AFA, and AEA are all synchronized to
the LOW-to-HIGH transition of CLKA.
CLKB
Port B Clock
I
CLKB is a continuous clock that synchronizes all data transfers through Port B and can be asynchronous
or coincident to CLKA.
EFB/ORB and AEB are synchronized to the LOW-to-HIGH transition of CLKB.
CLKC
Port C Clock
I
CLKC is a continuous clock that synchronizes all data transfers through Port C and can be asynchronous
or coincident to CLKA.
FFC/IRC and AFC are synchronized to the LOW-to-HIGH transition of CLKC.
CSA
Port A Chip
I
CSA must be LOW to enable to LOW-to-HIGH transition of CLKA to read or write on Port A. The A0-A35
Select
outputs are in the high-impedance state when
CSA is HIGH.
CSB
Port B Chip
I
CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read data on Port B. The B0-B17
Select
outputs are in the high-impedance state when
CSB is HIGH.
EFA/ORA
Port A Empty/
O
This is a dual function pin. In the IDT Standard mode, the
EFA function is selected. EFA indicates
Output Ready
whether or not the FIFO2 memory is empty. In the FWFT mode, the ORA function is selected. ORA
Flag
indicates the presence of valid data on the A0-A35 outputs, available for reading.
EFA/ORA is
synchronized to the LOW-to-HIGH transition of CLKA.
EFB/ORB
Port B Empty/
O
This is a dual function pin. In the IDT Standard mode, the
EFB function is selected. EFB indicates
Output Ready Flag
whether or not the FIFO1 memory is empty. In the FWFT mode, the ORB function is selected. ORB
indicates the presence of valid data on the B0-B17 outputs, available for reading.
EFB/ORBissynchronized
to the LOW-to-HIGH transition of CLKB.
ENA
Port A Enable
I
ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on Port A.
FFA/IRA
Port A Full/
O
This is a dual function pin. In the IDT Standard mode, the
FFA function is selected. FFA indicates
Input Ready Flag
whether or not the FIFO1 memory is full. In the FWFT mode, the IRA function is selected. IRA
indicates whether or not there is space available for writing to the FIFO1 memory.
FFA/IRA is
synchronized to the LOW-to-HIGH transition of CLKA.
FFC/IRC
Port C Full/
O
This is a dual function pin. In the IDT Standard mode, the
FFC function is selected. FFC indicates
Input Ready Flag
whether or not the FIFO2 memory is full. In the FWFT mode, the IRC function is selected. IRC
indicates whether or not there is space available for writing to the FIFO2 memory.
FFC/IRC is
synchronized to the LOW-to-HIGH transition of CLKC.


Similar Part No. - IDT72V36106L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V36100 IDT-IDT72V36100 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V36100L10BB IDT-IDT72V36100L10BB Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36100L10BBI IDT-IDT72V36100L10BBI Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
More results

Similar Description - IDT72V36106L10PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3656 RENESAS-IDT72V3656 Datasheet
864Kb / 40P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT723656 IDT-IDT723656 Datasheet
389Kb / 39P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723656 RENESAS-IDT723656 Datasheet
797Kb / 40P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653_09 Datasheet
305Kb / 29P
   CMOS SyncFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723663 RENESAS-IDT723663 Datasheet
370Kb / 30P
   CMOS SyncFIFOTM WITH BUS-MATCHING
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com