Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX75LP-30 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZX75LP-30
Description  Low Pass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75LP-30 Datasheet(HTML) 2 Page - Mini-Circuits

  ZX75LP-30 Datasheet HTML 1Page - Mini-Circuits ZX75LP-30 Datasheet HTML 2Page - Mini-Circuits ZX75LP-30 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 3
Coaxial
Applications
• Satellite
• Wireless communications
• Receivers / Transmitters
Electrical Specifications at 25°C
Maximum Ratings
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Permanent damage may occur if any of these limits are exceeded.
REV. A
M160153
ZX75LP-30+
EDR10364U
URJ/NY
161230
Features
• High rejection
• Low Insertion loss
• Fast roll-off
• Good VSWR
• Connectorized package
Typical Frequency Response
Functional Schematic
Typical Performance Data at 25°C
50Ω
DC to 30 MHz
ZX75LP-30+
INSERTION LOSS (Full band)
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
10000
FREQUENCY (MHz)
0.5
0.8
1.1
0
15
30
ZX75LP-30+
VSWR
1
10
100
1000
1
10
100
1000
10000
FREQUENCY (MHz)
1.00
1.15
1.30
0
15
30
ZX75LP-30+
INSERTION LOSS (Passband)
0
20
40
60
0
10
20
30
40
50
60
FREQUENCY (MHz)
ZX75LP-30+
GROUP DELAY
16
18
20
22
24
26
28
30
0
5
10
15
20
25
30
FREQUENCY (MHz)
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
DC-30
1.0
2.0
dB
Freq. Cut-Off
F2
38
3.0
dB
VSWR
DC-F1
DC-30
1.3
1.7
:1
Stop Band
Rejection Loss
F3-F4
48-3000
20
31
dB
VSWR
F3-F4
48-3000
14
:1
Low Pass Filter
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Frequency
(MHz)
Group Delay
(nsec)
1
0.51
1.13
1
16.60
5
0.55
1.20
2
16.64
10
0.59
1.27
3
16.67
25
0.84
1.10
4
16.72
30
1.06
1.12
5
16.78
38
2.44
1.46
6
16.85
41
7.20
4.17
8
17.06
44
17.07
9.90
10
17.27
48
31.49
15.67
12
17.60
50
38.85
17.93
14
18.04
100
53.49
69.49
16
18.62
150
66.66
115.81
18
19.30
200
83.58
157.93
20
20.14
250
75.54
193.02
22
21.20
500
79.41
217.15
24
22.59
1000
71.86
115.81
26
24.28
1500
63.96
72.39
27
25.32
2000
56.62
56.04
28
26.53
2600
49.77
42.38
29
27.97
3000
45.21
45.72
30
29.72
F1 F2
FREQUENCY (MHz)
F3
F4
DC
R F IN
R F OUT
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
ZX75LP-30+
CASE STYLE: KE1467
Connectors Model
SMA-M\F
ZX75LP-30-S+


Similar Part No. - ZX75LP-30

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX75LP-320 MINI-ZX75LP-320 Datasheet
236Kb / 3P
   Low Pass Filter
ZX75LP-320++ MINI-ZX75LP-320+ Datasheet
236Kb / 3P
   Low Pass Filter
ZX75LP-320-S++ MINI-ZX75LP-320-S+ Datasheet
236Kb / 3P
   Low Pass Filter
ZX75LP-340 MINI-ZX75LP-340 Datasheet
237Kb / 3P
   Low Pass Filter
ZX75LP-340++ MINI-ZX75LP-340+ Datasheet
237Kb / 3P
   Low Pass Filter
More results

Similar Description - ZX75LP-30

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com