Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT-W5AM Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LT-W5AM
Description  white SMT package with clear silicone lens, chip level conversion
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LT-W5AM Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LT-W5AM Datasheet HTML 3Page - OSRAM GmbH LT-W5AM Datasheet HTML 4Page - OSRAM GmbH LT-W5AM Datasheet HTML 5Page - OSRAM GmbH LT-W5AM Datasheet HTML 6Page - OSRAM GmbH LT-W5AM Datasheet HTML 7Page - OSRAM GmbH LT-W5AM Datasheet HTML 8Page - OSRAM GmbH LT-W5AM Datasheet HTML 9Page - OSRAM GmbH LT-W5AM Datasheet HTML 10Page - OSRAM GmbH LT-W5AM Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Version 1.2
LT W5AM
Relative Spectral Emission - V(λ) = Standard eye response curve 4) page 21
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 4) Seite 21
Φrel = f (λ); TS = 25 °C; IF = 350 mA
Radiation Characteristics 4) page 21
Abstrahlcharakteristik 4) Seite 21
Irel = f (ϕ); TS = 25 °C
OHL06119
350
400
450
500
550
600
650
700
750
800
0.0
0.2
0.4
0.6
0.8
1.0
λ (nm)
:
: V
(true green)
Φ
rel
λ
Φ
rel
OHL03635
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
2015-12-14
7


Similar Part No. - LT-W5AM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LT-W51M OSRAM-LT-W51M Datasheet
283Kb / 18P
   white SMD package, colorless clear silicone resin with ARGUS짰 optic
LT-W5SM OSRAM-LT-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
LT-W5SN OSRAM-LT-W5SN Datasheet
679Kb / 20P
   white SMD package, colorless clear silicone resin
More results

Similar Description - LT-W5AM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWW5AM OSRAM-LUWW5AM Datasheet
2Mb / 28P
   white SMT package with clear silicone lens, chip level conversion
LB-W5AM OSRAM-LB-W5AM Datasheet
316Kb / 21P
   white SMT package with clear silicone lens, chip level conversion
LBW5AM OSRAM-LBW5AM Datasheet
316Kb / 21P
   white SMT package with clear silicone lens, chip level conversion
LUW-W5AM OSRAM-LUW-W5AM Datasheet
2Mb / 28P
   white SMT package with clear silicone lens, chip level conversion
LH-W5AM OSRAM-LH-W5AM Datasheet
317Kb / 21P
   white SMT package with clear silicone lens, chip level conversion
LWW5AM OSRAM-LWW5AM Datasheet
1Mb / 23P
   white SMT package with clear silicone lens, chip level conversion
LCWW5AM OSRAM-LCWW5AM Datasheet
1Mb / 23P
   white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LCW-W5AM OSRAM-LCW-W5AM Datasheet
1Mb / 23P
   white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LW-W5AM OSRAM-LW-W5AM Datasheet
568Kb / 18P
   white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LW-W5SM OSRAM-LW-W5SM Datasheet
592Kb / 18P
   white SMD package, colorless clear silicone resin; chip level conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com