Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV7722DF-02A Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # EV7722DF-02A
Description  20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV7722DF-02A Datasheet(HTML) 7 Page - Monolithic Power Systems

  EV7722DF-02A Datasheet HTML 1Page - Monolithic Power Systems EV7722DF-02A Datasheet HTML 2Page - Monolithic Power Systems EV7722DF-02A Datasheet HTML 3Page - Monolithic Power Systems EV7722DF-02A Datasheet HTML 4Page - Monolithic Power Systems EV7722DF-02A Datasheet HTML 5Page - Monolithic Power Systems EV7722DF-02A Datasheet HTML 6Page - Monolithic Power Systems EV7722DF-02A Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EV7722DF-02A – 20W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV7722DF-02A Rev. 1.1
www.MonolithicPower.com
7
10/19/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
QUICK START GUIDE
This board is set up from the factory for 24V operation. To use with a 12V power supply adjust the
components as specified in the 12V operation Section 3 below. For more information, consult the
MP7722 datasheet.
1. Power Requirements
a. Power Supply: 24V, 6A maximum.
b. 0VRMS to 1VRMS (Max) audio signal source.
c. Speaker: 4Ω or 8Ω
2. Setup Condition for 24V Operation
a. Connect the outputs to the external speakers.
b. Adjust the power supply to 24V (do not turn on).
c. Connect the power supply to the VDD terminals.
d. Set the enable switch to the DISABLE position.
e. Connect the audio input signal source to the amplifier inputs (IN1, IN2).
f. Turn on the power supply to apply power to the board.
3. 12V Operation Modifications
a. Change C6 to 1.8nF and C15 to 2.2nF.
b. Remove R23, R26 and R31. Change R10 and R16 from 20kΩ to 10kΩ
c. Adjust the power supply to 12V (do not turn on).
d. Use same procedure for turn on as specified in Section 2.
4. Music Turn-On Sequence
a. Set the enable switch to the ENABLE position.
b. Audio should be heard from the speaker(s).
5. Music Turn-Off Sequence
a. Set the enable switch to the DISABLE position.


Similar Part No. - EV7722DF-02A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
   20W Stereo Class D Single Ended Audio Amplifier
More results

Similar Description - EV7722DF-02A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV7720DS-00A MPS-EV7720DS-00A Datasheet
403Kb / 7P
   20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7745DF-01A MPS-EV7745DF-01A Datasheet
284Kb / 6P
   20W Stereo Class D Single Ended Audio Amplifier EV Board
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
   20W Stereo Class D Single Ended Audio Amplifier
EV0030 MPS-EV0030 Datasheet
519Kb / 6P
   20W Stereo Class D Single Ended Audio Amplifier
EV7741DQ-00A MPS-EV7741DQ-00A Datasheet
273Kb / 6P
   2x10W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
   2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV0066 MPS-EV0066 Datasheet
281Kb / 6P
   Mini 20W Stereo Class D Single Ended Audio Amplifier
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
   20W Stereo Class-D Audio Amplifier
logo
Monolithic Power System...
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
   20W Class D Mono Single Ended Audio Amplifier
MP7722 MPS-MP7722 Datasheet
410Kb / 11P
   2 x 20W Class D Stereo Single Ended Audio Amplifer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com