Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4599 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # Q67040-S4599
Description  HighSpeed 2-Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4599 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button Q67040-S4599 Datasheet HTML 2Page - Infineon Technologies AG Q67040-S4599 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4599 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4599 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4599 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4599 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4599 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4599 Datasheet HTML 9Page - Infineon Technologies AG Q67040-S4599 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
IGP03N120H2,
IGB03N120H2
IGW03N120H2
Power Semiconductors
6
Rev. 2, Mar-04
0A
2A
4A
1ns
10ns
100ns
1000ns
t
r
t
d(on)
t
f
t
d(off)
0
50
100
150
1ns
10ns
100ns
1000ns
t
r
t
d(on)
t
f
t
d(off)
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 9. Typical switching times as a
function of collector current
(inductive load, Tj = 150
°C,
VCE = 800V, VGE = +15V/0V, RG = 82
Ω,
dynamic test circuit in Fig.E)
Figure 10. Typical switching times as a
function of gate resistor
(inductive load, Tj = 150
°C,
VCE = 800V, VGE = +15V/0V, IC = 3A,
dynamic test circuit in Fig.E)
25°C
50°C
75°C
100°C 125°C 150°C
1ns
10ns
100ns
1000ns
t
r
t
d(on)
t
f
t
d(off)
-50°C
0°C
50°C
100°C
150°C
0V
1V
2V
3V
4V
5V
typ.
min.
max.
Tj, JUNCTION TEMPERATURE
Tj, JUNCTION TEMPERATURE
Figure 11. Typical switching times as a
function of junction temperature
(inductive load, VCE = 800V,
VGE = +15V/0V, IC = 3A, RG = 82
Ω,
dynamic test circuit in Fig.E)
Figure 12. Gate-emitter threshold voltage
as a function of junction temperature
(IC = 0.09mA)


Similar Part No. - Q67040-S4599

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4594 INFINEON-Q67040-S4594 Datasheet
431Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2, Mar-04
Q67040-S4595 INFINEON-Q67040-S4595 Datasheet
431Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2, Mar-04
Q67040-S4597 INFINEON-Q67040-S4597 Datasheet
431Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2, Mar-04
More results

Similar Description - Q67040-S4599

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB01N120H2 INFINEON-IGB01N120H2_07 Datasheet
1Mb / 12P
   HighSpeed 2-Technology
Rev. 2.4 Oct. 07
IGP03N120H2 INFINEON-IGP03N120H2_08 Datasheet
346Kb / 13P
   HighSpeed 2-Technology
Rev. 2.6 Febr. 08
IGB01N120H2 INFINEON-IGB01N120H2 Datasheet
390Kb / 13P
   HighSpeed 2-Technology
Rev. 2, Mar-04
IGP01N120H2 INFINEON-IGP01N120H2_07 Datasheet
912Kb / 13P
   HighSpeed 2-Technology
Rev. 2.4 Sept. 07
IGA03N120H2 INFINEON-IGA03N120H2 Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
logo
TE Connectivity Ltd
114-94706 TEC-114-94706 Datasheet
1Mb / 26P
   DT Highspeed DT Highspeed
07 MAR 2023 Rev. B
logo
Infineon Technologies A...
IKP03N120H2 INFINEON-IKP03N120H2 Datasheet
431Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2, Mar-04
IKP03N120H2 INFINEON-IKP03N120H2_08 Datasheet
381Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
IKB01N120H2 INFINEON-IKB01N120H2 Datasheet
385Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKA03N120H2 INFINEON-IKA03N120H2 Datasheet
335Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Mar-04, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com