Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3081 Datasheet(PDF) 8 Page - International Rectifier

Part # IR3081
Description  XPHASE VR 10.0 CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3081 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3081 Datasheet HTML 4Page - International Rectifier IR3081 Datasheet HTML 5Page - International Rectifier IR3081 Datasheet HTML 6Page - International Rectifier IR3081 Datasheet HTML 7Page - International Rectifier IR3081 Datasheet HTML 8Page - International Rectifier IR3081 Datasheet HTML 9Page - International Rectifier IR3081 Datasheet HTML 10Page - International Rectifier IR3081 Datasheet HTML 11Page - International Rectifier IR3081 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
IR3081
Page 8 of 20
9/1/03
CLK1
VVALLEY (1.00V)
VPHASE1&8 (1.5V)
VPHASE3&6 (3.5V)
VPHASE2&7 (2.5V)
VPHASE4&5 (4.5V)
VPEAK (5.0V)
CLK2
50% RAMP
DUTY CYCLE
CLK3
CLK4
CLK5
CLK6
CLK7
CLK8
SLOPE = 80mV / % DC
SLOPE = 1.6mV / ns @ 200kHz
SLOPE = 8.0mV / ns @ 1MHz
Figure 3 – 8 Phase Oscillator Waveforms
PWM Operation
The PWM comparator is located in the Phase IC. Upon receiving a clock pulse, the PWM latch is set, the PWMRMP
voltage begins to increase, the low side driver is turned off, and the high side driver is then turned on. When the
PWMRMP voltage exceeds the Error Amp’s output voltage the PWM latch is reset. This turns off the high side
driver, turns on the low side driver, and activates the Ramp Discharge Clamp. The clamp quickly discharges the
PWMRMP capacitor to the VDAC voltage of the Control IC until the next clock pulse.
The PWM latch is reset dominant allowing all phases to go to zero duty cycle within a few tens of nanoseconds in
response to a load step decrease. Phases can overlap and go to 100% duty cycle in response to a load step
increase with turn-on gated by the clock pulses. An Error Amp output voltage greater than the common mode input
range of the PWM comparator results in 100% duty cycle regardless of the voltage of the PWM ramp. This
arrangement guarantees the Error Amp is always in control and can demand 0 to 100% duty cycle as required. It
also favors response to a load step decrease which is appropriate given the low output to input voltage ratio of most
systems. The inductor current will increase much more rapidly than decrease in response to load transients.


Similar Part No. - IR3081

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3081A IRF-IR3081A Datasheet
1Mb / 39P
   XPHASETM VR 10 CONTROL IC
IR3081AM IRF-IR3081AM Datasheet
1Mb / 39P
   XPHASETM VR 10 CONTROL IC
IR3081AMTR IRF-IR3081AMTR Datasheet
1Mb / 39P
   XPHASETM VR 10 CONTROL IC
More results

Similar Description - IR3081

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3084A IRF-IR3084A Datasheet
682Kb / 45P
   XPHASE TM VR 10/11 CONTROL IC
IR3081A IRF-IR3081A Datasheet
1Mb / 39P
   XPHASETM VR 10 CONTROL IC
IR3084 IRF-IR3084 Datasheet
766Kb / 45P
   XPHASETM VR 10/11 CONTROL IC
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
   XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
IR3080 IRF-IR3080 Datasheet
395Kb / 21P
   XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3088 IRF-IR3088 Datasheet
1Mb / 34P
   XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3086APBF IRF-IR3086APBF Datasheet
541Kb / 33P
   XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3087 IRF-IR3087 Datasheet
1Mb / 35P
   XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
logo
Fujitsu Component Limit...
MB39C308 FUJITSU-MB39C308 Datasheet
703Kb / 60P
   6ch DC/DC Converter IC for LPIA Platform VR
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
   Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com