Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS3080EJ Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # BTS3080EJ
Description  Smart Low-Side Power Switch
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3080EJ Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button BTS3080EJ Datasheet HTML 37Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 38Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 39Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 40Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 41Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 42Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 43Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 44Page - Infineon Technologies AG BTS3080EJ Datasheet HTML 45Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
Datasheet
42
Rev. 1.0
2016-09-12
HITFET - BTS3080EJ
Smart Low-Side Power Switch
Application Information
11
Application Information
Note:
The following information is given as a hint for the implementation of the device only and shall not
be regarded as a description or warranty of a certain functionality, condition or quality of the device.
11.1
Application Diagram
An application example with the BTS3080EJ is shown below.
Figure 46
Application example circuitry
Recommended values for VIN= 5 V and VDD= 5 V:
RSTATUS=4.7 kΩ
RSTATUS(PROT)=3.3 kΩ
RIN=3.3 kΩ
Note:
This is a very simplified example of an application circuit. The function must be verified in the real
application.
VBAT
RIN
Voltage
Regulator
IN
OUT
Load
RSTATUS
OUT
GND
IN
STATUS
I/O
PWM
Micro
controller
GND
VDD
I
RST ATUS(PROT)


Similar Part No. - BTS3080EJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3080TF INFINEON-BTS3080TF Datasheet
1Mb / 39P
   Smart Low-Side Power Switch
Rev. 1.0 2016-06-01
More results

Similar Description - BTS3080EJ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com