Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS7020-2EPA Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # BTS7020-2EPA
Description  Smart High-Side Power Switch
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7020-2EPA Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button BTS7020-2EPA Datasheet HTML 47Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 48Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 49Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 50Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 51Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 52Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 53Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 54Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
Data Sheet
51
Rev. 1.00
2017-08-24
BTS7020-2EPA
PROFETTM+2
Application Information
10
Application Information
Note:
The following information is given as a hint for the implementation of the device only and shall not
be regarded as a description or warranty of a certain functionality, condition or quality of the device.
10.1
Application Setup
Figure 43 BTS7020-2EPA Application Diagram
Note:
This is a very simplified example of an application circuit. The function must be verified in the real
application.
Table 23
Loads considered for Reverse Polarity setup (see P_4.1.0.5)
Output
RDS(ON),max @ TJ = 150 °C
Load connected
20 mΩ
23.7 mΩ
2x P27W + R5W
GPIO
GPIO
GPIO
GPIO
A/D IN
VSS
VDD
Micro controller
IN0
IN1
DEN
DSEL
IS
GND
OUT0
OUT1
VS
VBAT
CSENSE
DZ1
R/L cable
R/L cable
R/L cable
COUT1
COUT0
RIN
RIN
RDEN
RDSEL
RAD
RIS_PROT
RGND
VDD
RPD
RPD
CVS
ROL
T1
DZ2
App_2CH_LI_INTDIO.emf


Similar Part No. - BTS7020-2EPA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7020-2EPA INFINEON-BTS7020-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

Similar Description - BTS7020-2EPA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com