Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V271LA10PFI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V271LA10PFI
Description  3.3 VOLT CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V271LA10PFI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V271LA10PFI Datasheet HTML 1Page - Integrated Device Technology IDT72V271LA10PFI Datasheet HTML 2Page - Integrated Device Technology IDT72V271LA10PFI Datasheet HTML 3Page - Integrated Device Technology IDT72V271LA10PFI Datasheet HTML 4Page - Integrated Device Technology IDT72V271LA10PFI Datasheet HTML 5Page - Integrated Device Technology IDT72V271LA10PFI Datasheet HTML 6Page - Integrated Device Technology IDT72V271LA10PFI Datasheet HTML 7Page - Integrated Device Technology IDT72V271LA10PFI Datasheet HTML 8Page - Integrated Device Technology IDT72V271LA10PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
IDT72V261LA/72V271LA
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 and 32,768 x 9
5
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
Symbol
Rating
Commercial
Unit
VTERM
Terminal Voltage
–0.5 to +5
V
with respect to GND
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output Current
–50 to +50
mA
NOTES:
1. With output deselected, (
OE
≥ VIH).
2. Characterized values, not currently tested.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 03.V, TA = 0°C to + 70°C; Industrial: VCC = 3.3V ± 03.V, TA = -40°C to +85°C)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
(2)
Input
VIN = 0V
10
pF
Capacitance
COUT(1,2)
Output
VOUT = 0V
10
pF
Capacitance
IDT72V261LA
IDT72V271LA
Commercial & Industrial(1)
tCLK = 10, 15, 20 ns
Symbol
Parameter
Min.
Max.
Unit
ILI
(2)
Input Leakage Current
–1
1
µA
ILO
(3)
Output Leakage Current
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1
(4,5,6)
Active Power Supply Current
55
mA
ICC2
(4,7)
Standby Current
20
mA
NOTES:
1. Industrial temperature range product for 15ns speed grade is available as a standard device. All other speed grades are available by special order.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3.
OE
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs disabled (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
6. Typical ICC1 = 10 + 0.95*fS + 0.02*CL*fS (in mA) with VCC = 3.3V, tA = 25°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2,
CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
CAPACITANCE
(TA = +25°C, f = 1.0MHz)
ABSOLUTE MAXIMUM RATINGS
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
NOTE:
1. 1.5V undershoots are allowed for 10ns once per cycle.
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage (Com’l/Ind’l)
3.0
3.3
3.6
V
GND
Supply Voltage (Com’l/Ind’l)
0
0
0
V
VIH
Input High Voltage (Com’l/Ind’l)
2.0
5.0
V
VIL(1)
Input Low Voltage (Com’l/Ind’l)
0.8
V
TA
Operating Temperature
0
70
°C
Commercial
TA
Operating Temperature
0
85
°C
Industrial


Similar Part No. - IDT72V271LA10PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271LA IDT-IDT72V271LA Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - IDT72V271LA10PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com