Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3081M Datasheet(PDF) 7 Page - International Rectifier

Part # IR3081M
Description  XPHASE VR 10.0 CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3081M Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3081M Datasheet HTML 3Page - International Rectifier IR3081M Datasheet HTML 4Page - International Rectifier IR3081M Datasheet HTML 5Page - International Rectifier IR3081M Datasheet HTML 6Page - International Rectifier IR3081M Datasheet HTML 7Page - International Rectifier IR3081M Datasheet HTML 8Page - International Rectifier IR3081M Datasheet HTML 9Page - International Rectifier IR3081M Datasheet HTML 10Page - International Rectifier IR3081M Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IR3081
Page 7 of 20
9/1/03
Figure 1 – System Block Diagram
PWM Control Method
The PWM block diagram of the XPhase
TM architecture is shown in Figure 2. Feed-forward voltage mode control with
trailing edge modulation is used. A high-gain wide-bandwidth voltage type error amplifier in the Control IC is used
for the voltage control loop. An external RC circuit connected to the input voltage and ground is used to program the
slope of the PWM ramp and to provide the feed-forward control at each phase. The PWM ramp slope will change
with the input voltage and automatically compensate for changes in the input voltage. The input voltage can change
due to variations in the silver box output voltage or due to drops in the PCB related to changes in load current.
VOUT
GND
RVFB
SYSTEM
REFERENCE
VOLTAGE
VBIAS
+
-
VBIAS
REGULATOR
VDAC
BIASIN
PWMRMP
RPWMRMP
CPWMRMP
CLOCK
PULSE
GENERATOR
ENABLE
RAMP
DISCHARGE
CLAMP
DACIN
VOSNS+
VOSNS-
RAMPIN+
RAMPIN-
ISHARE
VOSNS-
RDRP
VDRP
IIN
SCOMP
CSCOMP
O% DUTY
CYCLE
COMPARATOR
VDAC
VDRP
AMP
IFB
+
-
GATEH
EAIN
GATEL
CSIN+
CSIN-
VPEAK
VVALLEY
RAMP GENERATOR
50%
DUTY
CYCLE
RMPOUT
RRAMP1
RRAMP2
CURRENT
SENSE
AMP
PWM
LATCH
DOMINANT
RESET
SHARE
ADJUST
ERROR
AMP
S
R
X34
ERROR
AMP
IROSC
RAMP
SLOPE
ADJUST
EAOUT
X
0.91
FB
CONTROL IC
COUT
+
-
20mV
10K
CPWMRMP
CSCOMP
RPWMRMP
+
-
+
-
10K
RRAMP1
CCS RCS
RRAMP2
BIASIN
ISHARE
EAIN
RAMPIN-
RAMPIN+
SCOMP
PWMRMP
GATEH
CSIN+
CSIN-
DACIN
GATEL
VIN
PHASE IC
PHASE IC
SHARE
ADJUST
ERROR
AMP
CURRENT
SENSE
AMP
PWM
LATCH
DOMINANT
RESET
X34
R
S
20mV
CLOCK
PULSE
GENERATOR
RAMP
SLOPE
ADJUST
ENABLE
PWM
COMPARATOR
O% DUTY
CYCLE
COMPARATOR
SYSTEM
REFERENCE
VOLTAGE
RAMP
DISCHARGE
CLAMP
X
0.91
CCS RCS
PWM
COMPARATOR
Figure 2 – PWM Block Diagram
Frequency and Phase Timing Control
The oscillator is located in the Control IC and its frequency is programmable from 150kHz to 1MHZ by an external
resistor. The output of the oscillator is a 50% duty cycle triangle waveform with peak and valley voltages of
approximately 5V and 1V. This signal is used to program both the switching frequency and phase timing of the
Phase ICs. The Phase IC is programmed by resistor divider RRAMP1 and RRAMP2 connected between the VBIAS
reference voltage and the Phase IC LGND pin. A comparator in the Phase ICs detects the crossing of the oscillator
waveform with the voltage generated by the resistor divider and triggers a clock pulse that starts the PWM cycle.
The peak and valley voltages track the VBIAS voltage reducing potential Phase IC timing errors. Figure 3 shows the
Phase timing for an 8 phase converter. Note that both slopes of the triangle waveform can be used for
synchronization by swapping the RAMP + and – pins.


Similar Part No. - IR3081M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3081A IRF-IR3081A Datasheet
1Mb / 39P
   XPHASETM VR 10 CONTROL IC
IR3081AM IRF-IR3081AM Datasheet
1Mb / 39P
   XPHASETM VR 10 CONTROL IC
IR3081AMTR IRF-IR3081AMTR Datasheet
1Mb / 39P
   XPHASETM VR 10 CONTROL IC
More results

Similar Description - IR3081M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3084A IRF-IR3084A Datasheet
682Kb / 45P
   XPHASE TM VR 10/11 CONTROL IC
IR3081A IRF-IR3081A Datasheet
1Mb / 39P
   XPHASETM VR 10 CONTROL IC
IR3084 IRF-IR3084 Datasheet
766Kb / 45P
   XPHASETM VR 10/11 CONTROL IC
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
   XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
IR3080 IRF-IR3080 Datasheet
395Kb / 21P
   XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3088 IRF-IR3088 Datasheet
1Mb / 34P
   XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3086APBF IRF-IR3086APBF Datasheet
541Kb / 33P
   XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3087 IRF-IR3087 Datasheet
1Mb / 35P
   XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
logo
Fujitsu Component Limit...
MB39C308 FUJITSU-MB39C308 Datasheet
703Kb / 60P
   6ch DC/DC Converter IC for LPIA Platform VR
logo
Shindengen Electric Mfg...
MS1003SH SHINDENGEN-MS1003SH Datasheet
1Mb / 41P
   Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com