Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M56758FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M56758FP
Description  5 CHANNEL ACTUATOR MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56758FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M56758FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
5 CHANNEL ACTUATOR MOTOR DRIVER
M56758FP
MITSUBISHI <CONTROL / DRIVER IC>
RECOMMENDED OPERATING CONDITIONS
V
Limits
Min.
Typ.
Max.
Symbol
Units
Parameter
Vm1, Vm2
Motor power supply
Bootstrap power supply
VBS1,VBS2
V
5.0
Vm* + 1.0
mA
ELECTRICAL CHARACTERISTICS (Ta = 25
°C, VBS = Vm = 5V unless otherwise noted)
Limits
Min.
Typ.
Max.
Symbol
Conditions
Units
Parameter
ICC1
Supply current - 1
VBS1, VBS2, Vm1, Vm2 current
ICC2
Vsat1
Voff1
Voff2
Voff3
Voff4
Voff5
Gain1
Gain2
Supply current - 2
Ch1 – 5 Saturation voltage
CH1 output offset voltage
CH2 output offset voltage
CH3 output offset voltage
CH4 output offset voltage
CH5 output offset voltage
CH2 Voltage Gain between
input and output
CH1 Voltage Gain between
input and output
VBS1,VBS2,Vm1,Vm2 current at Sleep Mode
(MUTE1 and MUTE2 are inputted to Low).
Top and Bottom saturation voltage.
Load current 0.5A and no bootstrap.
VREFO = OUT1 = 1.5V
VREFO = OUT2 = 1.5V
VREFO = CH3IN = 1.5V
VREFO = OUT4 = 1.5V
VREFO = OUT5 = 1.5V
V
mA
mV
mV
mV
mV
V/V
V/V
{VM1(+) – VM1(-)}
(OUT1 – VREFO)
{VM2(+) – VM2(-)}
(OUT2 – VREFO)
mV
50
1.9
2.2
41
41
47
47
5.5
5.5
47
35
1.35
1.3
5
5
-41
-41
-47
-47
4.5
4.5
-47


Similar Part No. - M56758FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M56750FP HITACHI-M56750FP Datasheet
119Kb / 9P
   3-PHASE BRUSHLESS MOTOR DRIVER
logo
Renesas Technology Corp
M56750FP RENESAS-M56750FP Datasheet
118Kb / 9P
   3-PHASE BRUSHLESS MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M56754 MITSUBISHI-M56754 Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results

Similar Description - M56758FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M56788AFP RENESAS-M56788AFP Datasheet
4Mb / 12P
   5 CHANNEL ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M56788FP MITSUBISHI-M56788FP Datasheet
292Kb / 8P
   5 CHANNEL ACTUATOR DRIVER
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56748FP MITSUBISHI-M56748FP Datasheet
71Kb / 5P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56781FP MITSUBISHI-M56781FP Datasheet
158Kb / 6P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M63000SP MITSUBISHI-M63000SP Datasheet
752Kb / 6P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56749FP MITSUBISHI-M56749FP Datasheet
1Mb / 6P
   4 CHANNEL ACTUATOR MOTOR DRIVER
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
   2-CHANNEL ACTUATOR MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8001D FAIRCHILD-FAN8001D Datasheet
288Kb / 14P
   5-Channel Motor Driver
KA9260D FAIRCHILD-KA9260D Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com