Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M56758FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M56758FP
Description  5 CHANNEL ACTUATOR MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56758FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M56758FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
5 CHANNEL ACTUATOR MOTOR DRIVER
M56758FP
MITSUBISHI <CONTROL / DRIVER IC>
ELECTRICAL CHARACTERISTICS (Ta = 25
°C, VBS = Vm = 5V unless otherwise noted)
Limits
Min.
Typ.
Max.
Symbol
Conditions
Units
Parameter
Gain3
CH3 Voltage Gain between
input and output
Gain4
Gain5
VinE
VoutE
VofE
IinE
Reg-out
VinVREF
VofVREF
CH4 Voltage Gain between
input and output
CH5 Voltage Gain between
input and output
E1, 2, 3, 4, 5 amplifier
input voltage range
E1, 2, 3, 4, 5 amplifier
output voltage range
E1, 2, 3, 4, 5 amplifier input
current
E1, 2, 3, 4, 5 amplifier offset
voltage
E1, E2 amp
E3, E4, E5 amp
E1, E2 amp (no add)
E3, E4, E5 amp (no add)
Vin = 1.5V (at buffer)
IN+ = IN- = 1.5V
Regulator output voltage
range
VREF amplifier input voltage
range
VREF amplifier offset voltage
VREF amplifier input current
Mute-on voltage
Mute-off voltage
Mute terminal input current
IinVREF
Vmute-on
Vmute-off
Imute
At VBS = 7.5V,Regulator voltage setting
resistor 10K/30K, connects external PNP.
Vin = 1.5V
±2mA load
VREF = 1.5V
Mute-on
Mute-off
Mute terminal input current
(at 5V input voltage)
7.2
7.2
7.2
1.0
0.5
0.5
0.5
-1.0
-10
0.5
4.8
-10
-1.0
2.0
8
8
8
-0.05
5.0
-0.05
170
8.8
8.8
8.8
VBS1-2.0
VBS1-2.0
VBS2-2.0
VBS2-0.5
0
+10
VBS1-0.5
5.2
+10
0
0.8
250
V/V
V/V
V/V
V
V
V
V
µA
mV
V
V
mV
µA
V
V
µA
MUTE Function.
MUTE1
pin
High
Low/Open
High
Low/Open
ENABLE
M56758FP has 2 MUTE terminals and the functions are as follows.
MUTE2
pin
High
High
Low/Open
Low/Open
Power and Control Amp.
circuit of CH1 to CH4.
DISABLE
ENABLE
DISABLE
ENABLE
ENABLE
DISABLE
DISABLE
Power and Control Amp.
circuit of CH5.
VREF Amp.
VREG Amp.
ENABLE
ENABLE
ENABLE
DISABLE
ENABLE
ENABLE
ENABLE
ENABLE
The Sleep Mode means when MUTE1 and MUTE2 are inputted to Low voltage.
{VM3(+) – VM3(-)}
(CH3IN – VREFO)
{VM4(+) – VM4(-)}
(OUT4 – VREFO)
{VM5(+) – VM5(-)}
(OUT5 – VREFO)
17
18


Similar Part No. - M56758FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M56750FP HITACHI-M56750FP Datasheet
119Kb / 9P
   3-PHASE BRUSHLESS MOTOR DRIVER
logo
Renesas Technology Corp
M56750FP RENESAS-M56750FP Datasheet
118Kb / 9P
   3-PHASE BRUSHLESS MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M56754 MITSUBISHI-M56754 Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results

Similar Description - M56758FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M56788AFP RENESAS-M56788AFP Datasheet
4Mb / 12P
   5 CHANNEL ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M56788FP MITSUBISHI-M56788FP Datasheet
292Kb / 8P
   5 CHANNEL ACTUATOR DRIVER
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56748FP MITSUBISHI-M56748FP Datasheet
71Kb / 5P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56781FP MITSUBISHI-M56781FP Datasheet
158Kb / 6P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M63000SP MITSUBISHI-M63000SP Datasheet
752Kb / 6P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56749FP MITSUBISHI-M56749FP Datasheet
1Mb / 6P
   4 CHANNEL ACTUATOR MOTOR DRIVER
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
   2-CHANNEL ACTUATOR MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8001D FAIRCHILD-FAN8001D Datasheet
288Kb / 14P
   5-Channel Motor Driver
KA9260D FAIRCHILD-KA9260D Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com