Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V261LA15TFI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT72V261LA15TFI
Description  3.3 VOLT CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V261LA15TFI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT72V261LA15TFI Datasheet HTML 5Page - Integrated Device Technology IDT72V261LA15TFI Datasheet HTML 6Page - Integrated Device Technology IDT72V261LA15TFI Datasheet HTML 7Page - Integrated Device Technology IDT72V261LA15TFI Datasheet HTML 8Page - Integrated Device Technology IDT72V261LA15TFI Datasheet HTML 9Page - Integrated Device Technology IDT72V261LA15TFI Datasheet HTML 10Page - Integrated Device Technology IDT72V261LA15TFI Datasheet HTML 11Page - Integrated Device Technology IDT72V261LA15TFI Datasheet HTML 12Page - Integrated Device Technology IDT72V261LA15TFI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
IDT72V261LA/72V271LA
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 and 32,768 x 9
9
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
Figure 4. Programmable Flag Offset Programming Sequence
Figure 3. Offset Register Location and Default Values
EMPTY OFFSET (LSB) REG.
87
0
EMPTY OFFSET (MSB) REG.
00H
85
0
FULL OFFSET (LSB) REG.
87
0
FULL OFFSET (MSB) REG.
00H
8
5
0
DEFAULT VALUE
07FH if
LD is LOW at Master Reset
3FFH if
LD is HIGH at Master Reset
DEFAULT VALUE
07FH if
LD is LOW at Master Reset
3FFH if
LD is HIGH at Master Reset
EMPTY OFFSET (LSB) REG.
DEFAULT VALUE
07FH if
LD is LOW at Master Reset
3FFH if
LD is HIGH at Master Reset
8
7
0
EMPTY OFFSET (MSB) REG.
00H
8
6
0
4673 drw 06
FULL OFFSET (LSB) REG.
8
7
0
FULL OFFSET (MSB) REG.
00H
8
6
0
DEFAULT VALUE
07FH if
LD is LOW at Master Reset
3FFH if
LD is HIGH at Master Reset
IDT72V261LA
 16,384 x 9 − BIT
IDT72V271LA
 32,768 x 9 − BIT
WCLK
RCLK
Selection
X
Parallel write to registers:
Empty Offset (LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
X
Parallel read from registers:
Empty Offset (LSB)
Empty Offset (MSB)
Full Offset (LSB)
Full Offset (MSB)
X
X
No Operation
X
Write Memory
X
Read Memory
X
X
No Operation
4673 drw 07
LD
0
0
X
1
1
1
0
WEN
0
1
1
0
X
1
1
REN
1
0
1
X
0
1
1
X
Serial shift into registers:
28 bits for the 72V261LA
SEN
1
1
1
X
X
X
0
30 bits for the 72V271LA
1 bit for each rising WCLK edge
Starting with Empty Offset (LSB)
Ending with Full Offset (MSB)
NOTES:
1. The programming method can only be selected at Master Reset.
2. Parallel reading of the offset registers is always permitted regardless of which programming method has been selected.
3. The programming sequence applies to both IDT Standard and FWFT modes.


Similar Part No. - IDT72V261LA15TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V261LA IDT-IDT72V261LA Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - IDT72V261LA15TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com