Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C12816-20K Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61C12816-20K
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C12816-20K Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61C12816-20K Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C12816-20K Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C12816-20K Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C12816-20K Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C12816-20K Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C12816-20K Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C12816-20K Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C12816-20K Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
12/19/00
IS61C12816
ISSI®
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-12
-15
-20
Symbol
Parameter
Min. Max.
Min.
Max.
Min. Max.
Unit
tRC
Read Cycle Time
12
15
20
ns
tAA
Address Access Time
12
15
20
ns
tOHA
Output Hold Time
3
3
4
ns
tACE
CE Access Time
12
15
20
ns
tDOE
OE Access Time
6
7
9
ns
tHZOE(2)
OE to High-Z Output
6
0
6
0
8
ns
tLZOE(2)
OE to Low-Z Output
0
0
0
ns
tHZCE(2
CE to High-Z Output
0
6
0
6
0
8
ns
tLZCE(2)
CE to Low-Z Output
3
3
3
ns
tBA
LB, UB Access Time
6
7
9
ns
tHZB
LB, UB to High-Z Output
0
6
0
6
0
8
ns
tLZB
LB, UB to Low-Z Output
0
0
0
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse
levels of 0 to 3.0V and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100%
tested.
3. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
3 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1 and 2
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Note:
1. Tested initially and after any design or process changes that may affect these parameters.
Figure 1
Figure 2
AC TEST LOADS
480
30 pF
Including
jig and
scope
255
OUTPUT
5V
480
5 pF
Including
jig and
scope
255
OUTPUT
5V


Similar Part No. - IS61C12816-20K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C1024 ISSI-IS61C1024 Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12H ISSI-IS61C1024-12H Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12HI ISSI-IS61C1024-12HI Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12J ISSI-IS61C1024-12J Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12JI ISSI-IS61C1024-12JI Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C12816-20K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
62LV12816 ISSI-62LV12816 Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1011 PYRAMID-P3C1011 Datasheet
110Kb / 10P
   HIGH SPEED 128K x 16 (2 MEG) STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com